Electronic Components Datasheet Search
  English  ▼

X  

S2GA Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # S2GA
Description  Surface Mount General Purpose Silicon Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

S2GA Datasheet(HTML) 2 Page - UN Semiconducctor INC

  S2GA Datasheet HTML 1Page - UN Semiconducctor INC S2GA Datasheet HTML 2Page - UN Semiconducctor INC S2GA Datasheet HTML 3Page - UN Semiconducctor INC S2GA Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/3
S2AA~S2MA
Surface Mount General Purpose Silicon Rectifiers
Electrical Characteristics Curves
Fig. 2 Typical Instaneous Reverse Characteristics
Fig.1 Forward Current Derating Curve
Fig.3 Typical Forward Characteristic
Fig.4 Typical Junction Capacitance
Fig.5 Maximum Non-Repetitive Peak Forward
Surage Current
25
50
75
100
125
150
175
Case Temperature (°C)
0.5
1.0
1.5
2.0
2.5
0
0
Single phase half-wave 60 Hz
resistive or inductive load
0.1
1.0
10
100
20
40
60
80
100
120
0
140
Percent of Rated Peak
Voltage (%)
Reverse
T =125
J
°
C
T =25
J
°
C
0.1
0.6
1.0
1.2
1.6
Instaneous Forward Voltage (V)
0.4
10
1.0
1.4
0.8
1.8
T =25
J
°
C
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°
C
15
30
0
10
100
Number of Cycles
1
60
45
75
8.3 ms Single Half Sine Wave
(JEDEC Method)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com