Electronic Components Datasheet Search
  English  ▼

X  

SACA Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # SACA
Description  5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SACA Datasheet(HTML) 2 Page - UN Semiconducctor INC

  SACA Datasheet HTML 1Page - UN Semiconducctor INC SACA Datasheet HTML 2Page - UN Semiconducctor INC SACA Datasheet HTML 3Page - UN Semiconducctor INC SACA Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
SACA Series
5.0 To 50V 500W
2/3
Electrical Characteristics (@=25℃ Unless Otherwise Specified)
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Part
Number
Device
Marking
Code
Breakdown
Voltage
VBR
Test
Current
IT
(mA)
Stand-Off
Voltage
VMW
(V)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Maximum
Junction
Capacitance
@0V
(pF)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage
VC @IPP (V)
SACA5.0
SACA6.0
SACA7.0
SACA8.0
SACA8.5
SACA10
SACA12
SACA15
SACA18
SACA22
SACA26
SACA30
SACA36
SACA45
SACA50
SAD
SAE
SAF
SAG
SAH
SAK
SAL
SAM
SAN
SAP
SAQ
SAR
SAS
SAT
SAU
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
7.6
7.9
8.33
8.89
9.44
11.10
13.30
16.70
20.00
24.40
28.90
33.30
40.00
50.00
55.50
5.0
6.0
7.0
8.0
8.5
10
12
15
18
22
26
30
36
45
50
45
45
45
45
45
45
45
45
45
45
45
45
45
45
45
44.0
41.0
38.0
36.0
34.0
29.0
25.0
20.0
15.0
14.0
11.1
10.0
8.6
6.8
5.8
10.0
11.2
12.6
13.4
14.0
16.3
19.0
23.6
28.8
35.4
42.3
48.6
60.0
77.0
88.0
300
300
300
100
50
5
5
5
5
5
5
5
5
5
5
Figure 2 - Power Derating Curve Surge Current
Figure 1 – Peak Pulse Power Rating Curve
TL - Lead temperature(°C)
0
25
50
75
100
125
150
175
0
20
40
60
80
100
Power Dissipation
Peak Power (Single Pulse)
TJ=Initial Temperature
100
0.1
1
0.1
1
10
100
1000
10000
10
td
0.5
PPK
Impulse
Exponential
td
td=7tp
Half Sine
PPK
td
Square
Current Waveforms
PPK
TD - Pulse Width (μs)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com