Electronic Components Datasheet Search
  English  ▼

X  

SACB Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # SACB
Description  5.0 To 50V 500W Low Capacitance Surface Mount Transient Voltage Suppressors (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SACB Datasheet(HTML) 2 Page - UN Semiconducctor INC

  SACB Datasheet HTML 1Page - UN Semiconducctor INC SACB Datasheet HTML 2Page - UN Semiconducctor INC SACB Datasheet HTML 3Page - UN Semiconducctor INC SACB Datasheet HTML 4Page - UN Semiconducctor INC SACB Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/4
SACB Series
5.0 To 50V 500W Low Capacitance
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 3 - Pulse Waveform
Figure 4 - AC Line Protection Application
t - Time (ms)
10/1000µsec. Waveform
as defined by R.E.A
Half Value
IPPM (IPPM/2)
Peak Value
IPPM
TR=10µsec
TJ=25°C
Pulse Width(td) is defined
as the point Where the peak
current decays to 50% of IPPM
0
1.0
2.0
3.0
4.0
0
50
100
150
Low
Capacitance
TVS
Application Note: Device must be used with two
units in parallel, opposite in polarity as shown in
circuit for AC signal line protection.
Figure 2 - Pulse Derating Curve
Figure 1 - Peak Pulse Power Rating Curve
TL - Lead temperature(°C)
0
25
50
75
100
125
150
175
0
20
40
60
80
100
Power Dissipation
Peak Power (Single Pulse)
TJ=Initial Temperature
100
0.1
1
0.1
1
10
100
1000
10000
10
td
0.5
PPK
Impulse
Exponential
td
td=7tp
Half Sine
PPK
td
Square
Current Waveforms
PPK
TD - Pulse Width (μs)
Maximum Ratings (TA=25℃ unless otherwise noted)
Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25°C per Fig. 2
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000µs waveform(1)
Peak Pulse Current with a 10/1000µs waveform. (Fig.2)(1)
Power Dissipation on Infinite Heat Sink at TL=75°C (Fig.2)
Junction and Storage Temperature Range.
Operating Temperature Range
PPPM
IPP
PM(AV)
TJ, TSTG
TOP
500
See Next Table
3.0
- 55 to +150
- 40 to +125
W
A
W
°C
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com