Electronic Components Datasheet Search
  English  ▼

X  

SA4558 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA4558
Description  Dual general-purpose operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA4558 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA4558 Datasheet HTML 1Page - NXP Semiconductors SA4558 Datasheet HTML 2Page - NXP Semiconductors SA4558 Datasheet HTML 3Page - NXP Semiconductors SA4558 Datasheet HTML 4Page - NXP Semiconductors SA4558 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE4558
Dual general-purpose operational amplifier
August 31, 1994
68
TYPICAL PERFORMANCE CURVES
100
80
60
40
20
0
0
10
20
30
40
50
60 70
TEMPERATURE (oC)
VS = + 15V
25
20
15
10
5
0
0
10
20
30
40
50
60 70
TEMPERATURE (oC)
TA = 25
oC
–15
–10
–5
0
5
10
15
4
6
8
10 12
14 16
18
SUPPLY VOLTAGE (V)
TA = 25
oC
15
10
5
0
–5
–10
–15
4
6
8
10 12
14 16
18
RL = 2KΩ
SUPPLY VOLTAGE (V)
VS = + 15V
800K
600K
400K
200K
0K
0
10
20
30
40
50
60
70
RL = 2KΩ
VS = + 15V
TEMPERATURE (oC)
0
10
20
30
40 50
60
70
TEMPERATURE (oC)
140
130
120
110
100
90
80
120
100
80
60
40
20
0
–20
1
10 100 1K 10K 100K1K 10M
FREQUENCY (Hz)
28
26
24
22
20
18
16
14
12
10
8
0.1 0.2
0.5 1.0 2.0
5.0
10
LOAD RESISTANCE (K
Ω))
VS = + 15V
TA = 25
oC
40
36
32
28
24
20
18
12
8
4
0
100
1K
10K
100K
1M
FREQUENCY (Hz)
VS = + 15V
TA = 25
oC
RL = 25KΩ
Input Bias as a
Function of Ambient
Temperature
Input Offset Current as
as a Function of Ambient
Temperature
Common–Mode Range as
a Function of Supply
Voltage
Open–Loop Voltage Gain
as a Function of
Frequency
Open–Loop Gain as a
Function of
Temperature
Power Consumption as
a Function of Ambient
Temperature
Typical Output Voltage
as a Function of
Supply Voltage
Output Voltage Swing
as a Function of
Load Resistance)
Output Voltage Swing
as a Function of
Frequency
VS = + 15V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com