Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # SMBJ
Description  3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SMBJ Datasheet(HTML) 2 Page - UN Semiconducctor INC

  SMBJ Datasheet HTML 1Page - UN Semiconducctor INC SMBJ Datasheet HTML 2Page - UN Semiconducctor INC SMBJ Datasheet HTML 3Page - UN Semiconducctor INC SMBJ Datasheet HTML 4Page - UN Semiconducctor INC SMBJ Datasheet HTML 5Page - UN Semiconducctor INC SMBJ Datasheet HTML 6Page - UN Semiconducctor INC SMBJ Datasheet HTML 7Page - UN Semiconducctor INC SMBJ Datasheet HTML 8Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/7
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
Breakdown
Voltage VBR(V)
@IT
Maximum
Clamping
Voltage VC
@IPP(V)
Maximum
Peak
Pulse
Current
IPP(A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
Marking
Uni
Bi
3.3
5.0
5.0
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.0
8.5
8.5
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
13.0
14.0
14.0
15.0
15.0
16.0
16.0
17.0
17.0
18.0
18.0
19.0
19.0
20.0
20.0
22.0
22.0
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
36.0
36.0
40.0
40.0
10
10
10
10
10
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
600
800
800
800
800
500
500
200
200
100
100
50
50
10
10
5
5
5
5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
8.0
9.6
9.2
11.4
10.3
12.3
11.2
13.3
12.0
14.3
12.9
15.0
13.6
15.9
14.4
16.9
15.4
18.8
17.0
20.1
18.2
22.0
19.9
23.8
21.5
25.8
23.2
26.9
24.4
28.8
26.0
30.5
27.6
32.2
29.2
34.0
30.8
35.8
32.4
39.4
35.5
43.0
38.9
46.6
42.1
50.0
45.4
53.5
48.4
59.0
53.3
64.3
58.1
71.4
64.5
SMBJ3.3A
SMBJ5.0
SMBJ5.0A
SMBJ6.0
SMBJ6.0A
SMBJ6.5
SMBJ6.5A
SMBJ7.0
SMBJ7.0A
SMBJ7.5
SMBJ7.5A
SMBJ8.0
SMBJ8.0A
SMBJ8.5
SMBJ8.5A
SMBJ9.0
SMBJ9.0A
SMBJ10
SMBJ10A
SMBJ11
SMBJ11A
SMBJ12
SMBJ12A
SMBJ13
SMBJ13A
SMBJ14
SMBJ14A
SMBJ15
SMBJ15A
SMBJ16
SMBJ16A
SMBJ17
SMBJ17A
SMBJ18
SMBJ18A
SMBJ19
SMBJ19A
SMBJ20
SMBJ20A
SMBJ22
SMBJ22A
SMBJ24
SMBJ24A
SMBJ26
SMBJ26A
SMBJ28
SMBJ28A
SMBJ30
SMBJ30A
SMBJ33
SMBJ33A
SMBJ36
SMBJ36A
SMBJ40
SMBJ40A
SMBJ5.0C
SMBJ5.0CA
SMBJ6.0C
SMBJ6.0CA
SMBJ6.5C
SMBJ6.5CA
SMBJ7.0C
SMBJ7.0CA
SMBJ7.5C
SMBJ7.5CA
SMBJ8.0C
SMBJ8.0CA
SMBJ8.5C
SMBJ8.5CA
SMBJ9.0C
SMBJ9.0CA
SMBJ10C
SMBJ10CA
SMBJ11C
SMBJ11CA
SMBJ12C
SMBJ12CA
SMBJ13C
SMBJ13CA
SMBJ14C
SMBJ14CA
SMBJ15C
SMBJ15CA
SMBJ16C
SMBJ16CA
SMBJ17C
SMBJ17CA
SMBJ18C
SMBJ18CA
SMBJ19C
SMBJ19CA
SMBJ20C
SMBJ20CA
SMBJ22C
SMBJ22CA
SMBJ24C
SMBJ24CA
SMBJ26C
SMBJ26CA
SMBJ28C
SMBJ28CA
SMBJ30C
SMB30CA
SMBJ33C
SMBJ33CA
SMBJ36C
SMBJ36CA
SMBJ40C
SMBJ40CA
K1
KD
KE
KF
KG
KH
KK
KL
KM
KN
KP
KQ
KR
KS
KT
KU
KV
KW
KX
KY
KZ
LD
LE
LF
LG
LH
LK
LL
LM
LN
LP
LQ
LR
LS
LT
LA
LB
LU
LV
LW
LX
LY
LZ
MD
ME
MF
MG
MH
MK
ML
MM
MN
MP
MQ
MR
-
AD
AE
AF
AG
AH
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AA
AX
AY
WZ
BD
BE
BF
BG
BH
BK
BL
BM
BN
BP
BQ
BR
BS
BT
BA
BB
BU
BV
BW
BX
BY
BZ
CD
CE
CF
CG
CH
CK
CL
CM
CN
CP
CQ
CR
5.20
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.00
10.00
11.10
11.10
12.20
12.20
13.30
13.30
14.40
14.40
15.60
15.60
16.70
16.70
17.80
17.80
18.90
18.90
20.00
20.00
21.10
21.10
22.20
22.20
24.40
24.40
26.70
26.70
28.90
28.90
31.10
31.10
33.30
33.30
36.70
36.70
40.00
40.00
44.40
44.40
6.00
7.30
7.00
8.15
7.37
8.82
7.98
9.51
8.60
10.20
9.21
10.90
9.83
11.50
10.40
12.20
11.10
13.60
12.30
14.90
13.50
16.30
14.70
17.60
15.90
19.10
17.20
20.40
18.50
21.80
19.70
23.10
20.90
24.40
22.10
25.76
23.30
27.10
24.50
29.80
26.90
32.60
29.50
35.30
31.90
38.00
34.40
40.70
36.80
44.90
40.60
48.90
44.20
54.30
49.10
75.00
62.50
65.22
52.63
58.25
48.78
53.57
45.11
50.00
41.96
46.51
40.00
44.12
37.74
41.67
35.50
38.96
31.91
35.29
29.85
32.97
27.27
30.15
25.21
27.91
23.26
25.86
22.30
24.59
20.83
23.08
19.67
21.74
18.63
20.55
17.64
19.49
16.67
18.52
15.23
16.90
13.95
15.42
12.88
14.25
12.00
13.22
11.21
12.40
10.17
11.26
9.33
10.33
8.40
9.30
Electrical Characteristics (TA=25℃ unless otherwise noted)
3.3 To 440V 600W
SMBJ Series
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com