Electronic Components Datasheet Search
  English  ▼

X  

SMF Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # SMF
Description  3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SMF Datasheet(HTML) 2 Page - UN Semiconducctor INC

  SMF Datasheet HTML 1Page - UN Semiconducctor INC SMF Datasheet HTML 2Page - UN Semiconducctor INC SMF Datasheet HTML 3Page - UN Semiconducctor INC SMF Datasheet HTML 4Page - UN Semiconducctor INC SMF Datasheet HTML 5Page - UN Semiconducctor INC SMF Datasheet HTML 6Page - UN Semiconducctor INC SMF Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Surface Mount Transient Voltage Suppressors (TVS)
ROHS
SMF Series
3.3 To 190V 200W
2/6
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
Marking
Uni
Bi
Note: 1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
3.3
5.0
6.0
6.5
7.0
7.5
8.0
8.5
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
22.0
24.0
26.0
28.0
30.0
33.0
36.0
40.0
43.0
45.0
48.0
51.0
54.0
58.0
60.0
64.0
70.0
75.0
78.0
80.0
85.0
90.0
100.0
110.0
120.0
130.0
140.0
150.0
160.0
170.0
180.0
190.0
10
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
400
400
400
250
100
50
25
10
5
2.5
2.5
2.5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
8.0
9.2
10.3
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
30.6
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
93.6
96.8
103.0
113.0
121.0
126.0
129.0
137.0
146.0
162.0
177.0
193.0
209.0
224.0
243.0
259.0
275.0
292.0
308.0
SMF3.3A
SMF5.0A
SMF6.0A
SMF6.5A
SMF7.0A
SMF7.5A
SMF8.0A
SMF8.5A
SMF9.0A
SMF10A
SMF11A
SMF12A
SMF13A
SMF14A
SMF15A
SMF16A
SMF17A
SMF18A
SMF19A
SMF20A
SMF22A
SMF24A
SMF26A
SMF28A
SMF30A
SMF33A
SMF36A
SMF40A
SMF43A
SMF45A
SMF48A
SMF51A
SMF54A
SMF58A
SMF60A
SMF64A
SMF70A
SMF75A
SMF78A
SMF80A
SMF85A
SMF90A
SMF100A
SMF110A
SMF120A
SMF130A
SMF140A
SMF150A
SMF160A
SMF170A
SMF180A
SMF190A
-
SMF5.0CA
SMF6.0CA
SMF6.5CA
SMF7.0CA
SMF7.5CA
SMF8.0CA
SMF8.5CA
SMF9.0CA
SMF10CA
SMF11CA
SMF12CA
SMF13CA
SMF14CA
SMF15CA
SMF16CA
SMF17CA
SMF18CA
SMF19CA
SMF20CA
SMF22CA
SMF24CA
SMF26CA
SMF28CA
SMF30CA
SMF33CA
SMF36CA
SMF40CA
SMF43CA
SMF45CA
SMF48CA
SMF51CA
SMF54CA
SMF58CA
SMF60CA
SMF64CA
SMF70CA
SMF75CA
SMF78CA
SMF80CA
SMF85CA
SMF90CA
SMF100CA
SMF110CA
SMF120CA
SMF130CA
SMF140CA
SMF150CA
SMF160CA
SMF170CA
SMF180CA
SMF190CA
FD
FE
FG
FK
FM
FP
FR
FT
FV
FX
FZ
HE
HG
HK
HM
HP
HR
HT
HB
HV
HX
HZ
JE
JG
JK
JM
JP
JR
JT
JV
JX
JZ
XE
XG
XK
XM
XP
XR
XT
XB
XV
XX
XZ
TE
TG
TK
TB
TM
TP
TR
TT
TV
-
KE
KG
KK
KM
KP
KR
KT
KV
KX
KZ
LE
LG
LK
LM
LP
LR
LT
LB
LV
LX
LZ
ME
MG
MK
MM
MP
MR
MT
MV
MX
MZ
NE
NG
NK
NM
NP
NR
NT
NB
NV
NX
NZ
PE
PG
PK
PB
PM
PP
PR
PT
PV
5.20
6.40
6.67
7.22
7.78
8.33
8.89
9.44
10.00
11.10
12.20
13.30
14.40
15.60
16.70
17.80
18.90
20.00
21.10
22.20
24 40
26.70
28.90
31.10
33.30
36.70
40.00
44.40
47.80
50.00
53.30
56.70
60.00
64.40
66.70
71.10
77.80
83.30
86.70
88.80
94.40
100.00
111.00
122.00
133.00
144.00
155.00
167.00
178.00
189.00
200.00
211.00
6.00
7.00
7.37
7.98
8.60
9.21
9.83
10.40
11.10
12.30
13.50
14.70
15.90
17.20
18.50
19.70
20.90
22.10
23.30
24.50
26.90
29.50
31.90
34.40
36.80
40.60
44.20
49.10
52.80
55.30
58.90
62.70
66.30
71.20
73.70
78.60
86.00
92.10
95.80
97.60
104.00
111.00
123.00
135.00
147.00
159.00
171.00
185.00
197.00
209.00
220.00
232.00
25.00
21.74
19.42
17.86
16.67
15.50
14.71
13.89
12.99
11.76
10.99
10.05
9.30
8.62
8.20
7.69
7.25
6.85
6.54
6.17
5.63
5.14
4.75
4.41
4.13
3.75
3.44
3.10
2.88
2.75
2.58
2.43
2.30
2.14
2.07
1.94
1.77
1.65
1.59
1.55
1.46
1.37
1.23
1.13
1.04
0.96
0.89
0.82
0.77
0.73
0.69
0.65
Electrical Characteristics (TA=25℃ unless otherwise noted) (Continue)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com