Electronic Components Datasheet Search
  English  ▼

X  

SMF18A Datasheet(PDF) 4 Page - UN Semiconducctor INC

Part # SMF18A
Description  3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SMF18A Datasheet(HTML) 4 Page - UN Semiconducctor INC

  SMF18A Datasheet HTML 1Page - UN Semiconducctor INC SMF18A Datasheet HTML 2Page - UN Semiconducctor INC SMF18A Datasheet HTML 3Page - UN Semiconducctor INC SMF18A Datasheet HTML 4Page - UN Semiconducctor INC SMF18A Datasheet HTML 5Page - UN Semiconducctor INC SMF18A Datasheet HTML 6Page - UN Semiconducctor INC SMF18A Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
4/6
Physical Specifications
Environmental Specifications
Case
Polarlty
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102D
Color band denotes cathode except
Bipolar
Temperature Cycle
Pressure Cooker
High Temp. Storage
HTRB
Thermal Shock
JESD22-A104
JESD22-A102
JESD22-A103
JESD22-A108
JESD22-A106
Soldering Parameters
I-V Curve Characteristics
Surface Mount Transient Voltage Suppressors (TVS)
ROHS
SMF Series
3.3 To 190V 200W
V
VC VBR VR
IR VF
IT
IPP
Uni-directional
V
VC VBR VR
VC
VBR
VR
IR
IR
IT
IT
IPP
IPP
Bi-directional
SOD-123 Molded Plasticover
glass passivated junction
Ramp up
TS(MAX)
TS(MIN)
Ramp down
Time
TP
TL
25
Critical Zone
TL to TP
TL
Time 25℃ to peak
Ts
Preheat
Tp
Lead–free assembly
150°C
200°C
60 -180 Seconds
3°C/second max
3°C/second max
217°C
60 -150 Seconds
260 +0/-5°C
20 - 40 Seconds
6°C/second max
8 minutes Max
280°C
Reflow Condition
Pre Heat
-Temperature Min (Ts(min))
-Temperature Max (Ts(max))
- Time (min to max) (Ts)
Average ramp up rate ( Liquidus
Temp TL) to peak
TS(max) to TL - Ramp-up Rate
Reflow
- Temperature (TL) (Liquidus)
- Time (min to max) (TS)
Peak Temperature (TP)
Do not exceed
Time 25°C to peak Temperature (TP)
Time within 5°C of actual peak
Temperature (TP)
Ramp-down Rate



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com