Electronic Components Datasheet Search
  English  ▼

X  

SS32CG Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # SS32CG
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SS32CG Datasheet(HTML) 2 Page - UN Semiconducctor INC

  SS32CG Datasheet HTML 1Page - UN Semiconducctor INC SS32CG Datasheet HTML 2Page - UN Semiconducctor INC SS32CG Datasheet HTML 3Page - UN Semiconducctor INC SS32CG Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/3
SS32CG~SS320CG
Surface Mount Schottky Barrier Rectifier
Electrical Characteristics Curves
Fig. 2 Typical Reverse Characteristics
Fig.1 Forward Current Derating Curve
Fig. 4 Typical Junction Capacitance
Fig.3 Typical Forward Characteristic
Fig.5 Maximum Non-Repetitive Peak Forward
Surage Current
Fig. 6 Typical Transient Thermal Impedance
20
40
60
80
0
T =25
J
°
C
T =100
J
°
C
Percent of Rated Peak Reverse Voltage(%)
100
100
101
102
103
104
T =75
J
°
C
SS32CG/SS36CG
SS38CG~SS320CG
0.6
1.2
1.8
2.4
3.0
3.5
0
0
25
50
75
100
125
150
Case Temperature (°C)
0.1
0
0.4
1.4
Instaneous Forward Voltage (V)
1.0
10
0.6
0.2
0.8 1.0 1.2
1.8
1.6
SS32CG/SS34CG
SS36CG/SS38CG
SS310CG/SS312CG
SS315CG/SS320CG
20
Reverse Voltage (V)
10
0.1
10
100
500
20
100
1
1000
T =25
J
°
C
200
SS32CG~SS36CG
SS38CG~SS320CG
10
100
1
30
40
50
20
60
80
70
Number of Cycles at 60Hz
90
8.3 ms Single Half Sine Wave
(JEDEC Method)
0.01
100
1
10
100
t, Pulse Duration(sec)
0.1
1
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com