Electronic Components Datasheet Search
  English  ▼

X  

US2MBF Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # US2MBF
Description  Surface Mount Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

US2MBF Datasheet(HTML) 1 Page - UN Semiconducctor INC

  US2MBF Datasheet HTML 1Page - UN Semiconducctor INC US2MBF Datasheet HTML 2Page - UN Semiconducctor INC US2MBF Datasheet HTML 3Page - UN Semiconducctor INC US2MBF Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US2ABF~US2MBF
ROHS
Revision March 1,2022
www.unsemi.com.tw
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/3
Surface Mount Fast Recovery Rectifiers
Features
Mechanical Data
For surface mounted applications
Low profile package
Glass passivated chip junction
Easy to pick and place
High efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
Case: SMBF
Quantity Per Reel : 3,000pcs
Approx. Weight : 57mg/0.002oz
Terminals: Solderable per MIL-STD-750, Method 2026
1:Cathode
2:Anode
Parameter
Symbol US2ABF US2BBF US2DBF US2GBF US2JBF US2KBF US2MBF Units
VRRM
VRMS
VDC
VF
IR
IR
trr
R
θJA
R
θJC
TJ,Tstg
V
V
V
V
nS
℃
Ta=25℃
Ta=125℃
(
1)
Note:(1) Measured with IF=0.5A, IR=1A, Irr=0.25A.
(2) P.C.B. mounted with 2.0" X 2.0" (5 X 5cm) copper pad areas.
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Forward Voltage at 2A
Maximum Reverse Recovery Time
Operating and Storage Temperature Range
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
SMBF
Peak Forward Surge Current,8.3ms Single
Half Sine-wave Superimposed on Rated Load
Maximum DC Reverse Current
at Rated DC Reverse Voltage
(
2)
IFSM
A
50
1.3
1.0
1.65
5.0
100
75
150
-55 ~ +150
60
18
μA
Typical Thermal Resistance
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
1
2
Maximum Average Forward Rectified Current
at Tc=125℃
IF(AV)
2.0
A
℃/
W


Similar Part No. - US2MBF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
US2MBF CHENDA-US2MBF Datasheet
602Kb / 2P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US2MBF YFWDIODE-US2MBF Datasheet
89Kb / 3P
Surface MountUltrafast Recovery Rectifier
logo
Guangdong Juxing Electr...
US2MBF JUXING-US2MBF Datasheet
634Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Xian Semipower Electron...
US2MBF SEMIPOWER-US2MBF Datasheet
127Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
Zibo Seno Electronic En...
US2MBF ZSELEC-US2MBF Datasheet
102Kb / 2P
2.0A SURFACE MOUNT ULTRAFAST DIODE
More results

Similar Description - US2MBF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com