Electronic Components Datasheet Search
  English  ▼

X  

1613801 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1613801
Description  RF-16S2N8AWA00 - Device connector front mounting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1613801 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1613801 Datasheet HTML 1Page - PHOENIX CONTACT 1613801 Datasheet HTML 2Page - PHOENIX CONTACT 1613801 Datasheet HTML 3Page - PHOENIX CONTACT 1613801 Datasheet HTML 4Page - PHOENIX CONTACT 1613801 Datasheet HTML 5Page - PHOENIX CONTACT 1613801 Datasheet HTML 6Page - PHOENIX CONTACT 1613801 Datasheet HTML 7Page - PHOENIX CONTACT 1613801 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector front mounting, straight, Screw locking mechanism, M23, number of positions:
16, contact connection type: Socket, Axial O-ring, 4x Ø 3.2, shielded: yes, degree of protection:
IP67, number of positions: 16, connection method: Crimp connection, series: RF
Commercial data
Item number
1613801
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
AB33
Product key
ABRAGL
GTIN
4046356402453
Weight per piece (including packing)
35.65 g
Weight per piece (excluding packing)
30.75 g
Customs tariff number
85366990
Country of origin
DE
RF-16S2N8AWA00 - Device connector front mounting
1613801
https://www.phoenixcontact.com/us/products/1613801
Oct 6, 2023, 5:34 AM
Page 1 (8)


Similar Part No. - 1613801

ManufacturerPart #DatasheetDescription
logo
Heyco.
16138 HEYCO-16138 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
PHOENIX CONTACT
1613822 PHOENIX-1613822 Datasheet
45Kb / 2P
Crimping pliers - RC-Z2504
1613829 PHOENIX-1613829 Datasheet
43Kb / 2P
Metal dust protection cap - HC-Z2329
1613831 PHOENIX-1613831 Datasheet
178Kb / 3P
M18 x 0.75 locking nut - ST-E2015151
10/06/2021
1613896 PHOENIX-1613896 Datasheet
468Kb / 12P
ST-17P1N8A9K03S - Coupler connector
More results

Similar Description - 1613801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607821 PHOENIX-1607821 Datasheet
135Kb / 8P
Device connector, front mounting - RF-12P2S8AW400
09/11/2020
1607236 PHOENIX-1607236 Datasheet
539Kb / 14P
RF-12P1N8AWA00 - Device connector front mounting
1607260 PHOENIX-1607260 Datasheet
488Kb / 12P
RF-12P2N8AWA00 - Device connector front mounting
1607283 PHOENIX-1607283 Datasheet
544Kb / 14P
RF-12S1N8AWA00 - Device connector front mounting
1607307 PHOENIX-1607307 Datasheet
541Kb / 14P
RF-12S2N8AWA00 - Device connector front mounting
1607860 PHOENIX-1607860 Datasheet
538Kb / 14P
RF-17P1N8AWA00 - Device connector front mounting
1607893 PHOENIX-1607893 Datasheet
555Kb / 14P
RF-17S1N8AWB00 - Device connector front mounting
1613766 PHOENIX-1613766 Datasheet
376Kb / 8P
RF-16P1N8AWA00 - Device connector front mounting
1607269 PHOENIX-1607269 Datasheet
503Kb / 13P
RF-12P2S8AAD00 - Device connector front mounting
1607822 PHOENIX-1607822 Datasheet
511Kb / 14P
RF-12P2S8AWB00 - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com