Electronic Components Datasheet Search
  English  ▼

X  

HIP6004ECV Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6004ECV
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004ECV Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6004ECV Datasheet HTML 1Page - Intersil Corporation HIP6004ECV Datasheet HTML 2Page - Intersil Corporation HIP6004ECV Datasheet HTML 3Page - Intersil Corporation HIP6004ECV Datasheet HTML 4Page - Intersil Corporation HIP6004ECV Datasheet HTML 5Page - Intersil Corporation HIP6004ECV Datasheet HTML 6Page - Intersil Corporation HIP6004ECV Datasheet HTML 7Page - Intersil Corporation HIP6004ECV Datasheet HTML 8Page - Intersil Corporation HIP6004ECV Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN4997.2
HIP6004E
Buck and Synchronous-Rectifier (PWM)
Controller and Output Voltage Monitor
The HIP6004E provides complete control and protection for a
DC-DC converter optimized for high-performance
microprocessor applications. It is designed to drive two
N-Channel MOSFETs in a synchronous-rectified buck topology.
The HIP6004E integrates all of the control, output adjustment,
monitoring and protection functions into a single package.
The output voltage of the converter is easily adjusted and
precisely regulated. The HIP6004E includes a 5-input digital-
to-analog converter (DAC) that adjusts the output voltage
from 1.05VDC to 1.825VDC in 25mV increments steps. The
precision reference and voltage-mode regulator hold the
selected output voltage to within
±1% over temperature and
line voltage variations.
The HIP6004E provides simple, single feedback loop,
voltage-mode control with fast transient response. It includes
a 200kHz free-running triangle-wave oscillator that is
adjustable from below 50kHz to over 1MHz. The error
amplifier features a 15MHz gain-bandwidth product and
6V/
µs slew rate which enables high converter bandwidth for
fast transient performance. The resulting PWM duty ratio
ranges from 0% to 100%.
The HIP6004E monitors the output voltage with a window
comparator that tracks the DAC output and issues a Power
Good signal when the output is within
±10%. The HIP6004E
protects against over-current and overvoltage conditions by
inhibiting PWM operation. Additional built-in overvoltage
protection triggers an external SCR to crowbar the input
supply. The HIP6004E monitors the current by using the
rDS(ON) of the upper MOSFET which eliminates the need for
a current sensing resistor.
Pinout
HIP6004E
TOP VIEW
Features
• Drives two N-Channel MOSFETs
• Operates from +5V or +12V Input
• Simple single-loop control design
- Voltage-mode PWM control
• Fast transient response
- High-bandwidth error amplifier
- Full 0% to 100% Duty Ratio
• Excellent output voltage regulation
-
±1% Over Line Voltage and Temperature
• 5-Bit digital-to-analog output
Voltage Selection
- 25mV binary steps . . . . . . . . . . . 1.05VDC to 1.825VDC
• Power good output voltage monitor
• Overvoltage and overcurrent fault monitors
- Does not require extra current sensing element,
Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator Programmable from
50kHz to over 1MHz
• Pb-free available
Applications
• VRM8.5 modules for Pentium III and Other
Microprocessors
• High-Power DC-DC Regulators
• Low-Voltage Distributed Power Supplies
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VSEN
OCSET
SS
VID25mV
VID0
VID1
VID3
VID2
COMP
FB
RT
VCC
LGATE
PGND
OVP
BOOT
UGATE
PHASE
PGOOD
GND
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
HIP6004ECB
0 to 70
20 Ld SOIC
M20.3
HIP6004ECBZ
(See Note)
0 to 70
20 Ld SOIC
(Pb-free)
M20.3
HIP6004ECV
0 to 70
20 Ld TSSOP
M20.173
HIP6004ECVZ
(See Note)
0 to 70
20 Ld TSSOP
(Pb-free)
M20.173
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which
is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
July 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HIP6004ECV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004ECV INTERSIL-HIP6004ECV Datasheet
317Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2004 07
HIP6004ECV INTERSIL-HIP6004ECV Datasheet
507Kb / 13P
Drives two N-Channel MOSFETs
July 2004
HIP6004ECV INTERSIL-HIP6004ECV Datasheet
502Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
HIP6004ECVZ INTERSIL-HIP6004ECVZ Datasheet
507Kb / 13P
Drives two N-Channel MOSFETs
July 2004
HIP6004ECVZ INTERSIL-HIP6004ECVZ Datasheet
502Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
More results

Similar Description - HIP6004ECV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1997 10
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1999 02
HIP6004D INTERSIL-HIP6004D Datasheet
202Kb / 11P
Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor
2000 04
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2004 07
HIP6004A INTERSIL-HIP6004A_02 Datasheet
445Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
November 2002
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
October 2003
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004 RENESAS-HIP6004 Datasheet
791Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com