Electronic Components Datasheet Search
  English  ▼

X  

3104A Datasheet(PDF) 1 Page - Belden Inc.

Part # 3104A
Description  TC VN/PVC, 3 C #12 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

3104A Datasheet(HTML) 1 Page - Belden Inc.

  3104A Datasheet HTML 1Page - Belden Inc. 3104A Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 3104A
TC VN/PVC, 3 C #12 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER
150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
Product Description
UL Type TC (1277) PVC-Nylon/PVC, 3 Conductor 12AWG (7x20) Bare Copper, PVC-NYL Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC
Outer Jacket, 600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
Technical Specifications
Product Overview
Suitable Applications:
Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 3
12 AWG 7x20
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PVC/Nylon - Polyvinyl Chloride + Nylon 0.019 in (0.48 mm) 0.131 in (3.33 mm)
ICEA Chart E1
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
14 AWG (7x22) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.047 in (1.2 mm) 0.384 in
Yes
Overall Cable Diameter (Nominal): 0.384 in
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
1.68 Ohm/1000ft
24 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
600 V (TC), 150 V (NPLF)
Mechanical Characteristics
Temperature
UL Temperature
Operating
90°C Dry, 75°C Wet Wet/Dry: -30°C To 90°C
Bend Radius
Stationary Min.
Installation Min.
4.608 in (117.0 mm) 4.608 in


Similar Part No. - 3104A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3104 ETC2-3104 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
3M Electronics
3104 3M-3104 Datasheet
29Kb / 3P
3M™ Mining Cable Splice Kits,
Aug-2009
logo
Heyco.
3104 HEYCO-3104 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Adafruit Industries
3104 ADAFRUIT-3104 Datasheet
146Kb / 2P
Mini Illuminated Momentary Pushbutton Red Power Symbol
2-6-24
logo
List of Unclassifed Man...
31040 ETC-31040 Datasheet
54Kb / 2P
Sealed Polyester Swabs
More results

Similar Description - 3104A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
27090A BELDEN-27090A Datasheet
159Kb / 2P
TC VN/PVC, 12 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
11-09-2022
28119AS BELDEN-28119AS Datasheet
186Kb / 2P
TC VN/PVC, 12 C #12 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28341AS BELDEN-28341AS Datasheet
185Kb / 2P
TC VN/PVC, 12 C #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
A03121W BELDEN-A03121W Datasheet
140Kb / 2P
TC VN/PVC, 3 C #12 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
09-05-2023
28137A BELDEN-28137A Datasheet
157Kb / 2P
TC VN/PVC, 30 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
05-05-2023
48339A BELDEN-48339A Datasheet
138Kb / 2P
TC VN/PVC, 5 C #16 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
48082A BELDEN-48082A Datasheet
138Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28334AS BELDEN-28334AS Datasheet
164Kb / 2P
TC VN/PVC, 3 C #18 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
47325AS BELDEN-47325AS Datasheet
140Kb / 2P
TC VN/PVC, 2 C #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
12-22-2023
48112A BELDEN-48112A Datasheet
140Kb / 2P
TC VN/PVC, 5 C #12 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com