Electronic Components Datasheet Search
  English  ▼

X  

SA5204AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5204AD
Description  Wide-band high-frequency amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5204AD Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5204AD Datasheet HTML 1Page - NXP Semiconductors SA5204AD Datasheet HTML 2Page - NXP Semiconductors SA5204AD Datasheet HTML 3Page - NXP Semiconductors SA5204AD Datasheet HTML 4Page - NXP Semiconductors SA5204AD Datasheet HTML 5Page - NXP Semiconductors SA5204AD Datasheet HTML 6Page - NXP Semiconductors SA5204AD Datasheet HTML 7Page - NXP Semiconductors SA5204AD Datasheet HTML 8Page - NXP Semiconductors SA5204AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
NE/SA5204A
Wide-band high-frequency amplifier
1992 Feb 25
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
9
V
VIN
AC input voltage
5
VP–P
TA
Operating ambient temperature range
NE grade
0 to +70
°C
SA grade
–40 to +85
°C
PDMAX
Maximum power dissipation1, 2
TA=25°C(still–air)
N package
1160
mW
D package
780
mW
TJ
Junction temperature
150
°C
TSTG
Storage temperature range
–55 to +150
°C
TSOLD
Lead temperature
(soldering 60s)
300
°C
NOTES:
1. Derate above 25
°C, at the following rates
N package at 9.3mW/
°C
D package at 6.2mW/
°C
2. See “Power Dissipation Considerations” section.
EQUIVALENT SCHEMATIC
VCC
VIN
R1
R2
R0
RF1
RE1
RF2
RE2
R3
Q3
Q4
Q6
Q1
Q2
Q5
VOUT
SR00194
Figure 2. Equivalent Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com