Electronic Components Datasheet Search
  English  ▼

X  

ISL84514 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL84514
Description  Low-Voltage, Single Supply, SPST, Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84514 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL84514 Datasheet HTML 3Page - Intersil Corporation ISL84514 Datasheet HTML 4Page - Intersil Corporation ISL84514 Datasheet HTML 5Page - Intersil Corporation ISL84514 Datasheet HTML 6Page - Intersil Corporation ISL84514 Datasheet HTML 7Page - Intersil Corporation ISL84514 Datasheet HTML 8Page - Intersil Corporation ISL84514 Datasheet HTML 9Page - Intersil Corporation ISL84514 Datasheet HTML 10Page - Intersil Corporation ISL84514 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND.
One of these diodes conducts if any analog signal exceeds
V+ or GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or GND and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and GND pins constitutes the analog-
signal-path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog-signal
paths and V+ or GND.
Typical Performance Curves TA = 25oC, Unless Otherwise Specified
FIGURE 7. ON RESISTANCE vs SUPPLY VOLTAGE
FIGURE 8. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 9. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 10. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
V+ (V)
25
15
5
3
4
5
6
7
8
9
10
11
12
13
25oC
-40oC
85oC
10
20
ICOM = 1mA
VCOM = (V+) - 1V
VCOM (V)
0
4
6
8
10
12
2
4
6
8
10
12
14
25oC
-40oC
85oC
V+ = 12V
10
15
20
25
V+ = 3.3V
ICOM = 1mA
25oC
85oC
-40oC
7
9
11
13
15
17
19
V+ = 5V
25oC
-40oC
85oC
VCOM (V)
012
34
5
0
10
20
30
40
50
V+ = 3.3V
V+ = 5V
V+ (V)
25
3.0
2.5
2.0
1.5
1.0
0.5
34
6789
10
11
12
13
-40oC
-40oC
85oC
VINH
VINL
25oC
85oC
25oC
ISL84514, ISL84515



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com