Electronic Components Datasheet Search
  English  ▼

X  

NE5241 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE5241
Description  Dolby ADM digital audio decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5241 Datasheet(HTML) 2 Page - NXP Semiconductors

  NE5241 Datasheet HTML 1Page - NXP Semiconductors NE5241 Datasheet HTML 2Page - NXP Semiconductors NE5241 Datasheet HTML 3Page - NXP Semiconductors NE5241 Datasheet HTML 4Page - NXP Semiconductors NE5241 Datasheet HTML 5Page - NXP Semiconductors NE5241 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
NE5241
Dolby ADM digital audio decoder
March 19, 1992
2
PIN DESCRIPTIONS
PIN #
SYMBOL
DESCRIPTION
1
MULTI OUT 1
Multiplier output, channel 1
2
VCC
Analog supply voltage
3
VARZ 1
Variable impedance, channel 1
4
OUT 1
Main output, channel 1
5
FEEDBACK 1
Summing amp input, channel 1
6
INT IN 1
Integrator amp input, channel 1
7
EM FILTER IN 1
Emphasis filter buffer input, channel 1
8
EM FILTER OUT 1
Emphasis filter driver output, channel 1
9
SS FILTER IN 1
Step-size filter buffer input, channel 1
10
SS FILTER OUT 1
Step-size filter driver output, channel 1
11
VDD
Logic supply voltage
12
SS
Step-size data input
13
AD
Audio data input
14
EM
Emphasis data input
15
CK
Data clock input
16
VREF
Reference voltage bypass
17
REX
Variable impedance reference resistor
18
DGND
Digital ground
19
SS FILTER OUT 2
Step-size filter driver output, channel 2
20
SS FILTER IN 2
Step-size filter buffer input, channel 2
21
EM FILTER OUT 2
Emphasis filter driver output, channel 2
22
EM FILTER IN 2
Emphasis filter buffer input, channel 2
23
INT IN 2
Integrator amp input, channel 2
24
FEEDBACK 2
Summing amp input, channel 2
25
OUT 2
Main output, channel 2
26
VARZ 2
Variable impedance, channel 2
27
AGND
Analog ground
28
MULT OUT 2
Multiplier output, channel 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com