Electronic Components Datasheet Search
  English  ▼

X  

CMM2306 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM2306
Description  800-2700 MHz Broadband Driver Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2306 Datasheet(HTML) 2 Page - Mimix Broadband

  CMM2306 Datasheet HTML 1Page - Mimix Broadband CMM2306 Datasheet HTML 2Page - Mimix Broadband CMM2306 Datasheet HTML 3Page - Mimix Broadband CMM2306 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
800-2700 MHz
Broadband Driver Amplifier
Page 2 of 4
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM2306
August 2006 - Rev 02-Aug-06
Pin # Name
Description
1+Vd
Drain voltage. Connect to positive supply.
2
GND
Ground.
3
RF IN
RF input (Internally DC blocked).
4
GND
Ground.
5
GND
Ground.
6
RF OUT
RF output (Internally DC blocked).
7
GND
Ground.
8
GND
Ground.
Vd 1
GND 2
RF IN 3
GND 4
8 GND
7 GND
6 RF OUT
5 GND
Connection Diagram and Pin Description
1
2
3
4
8
7
6
5
+5V
RF IN
0.01µF
RF OUT
Test Circuit Diagram
Typical Performance
The following typical performance parameters were tested in
the test circuit shown at room temperature and with a drain
voltage (+Vd) = 5 V, unless otherwise specified.
Frequency (MHz)
Gain vs Frequency vs Vd
10
14
18
22
26
30
500
1000
1500
2000
2500
3000
3V
4V
5V
6V
Frequency (MHz)
Gain vs Frequency vs Temperature @ 5V
17
20
23
26
29
32
-20°C
0°C
+25°C
+70°C
800 900
1500
1800 2000
2500
2400
Frequency (MHz)
Power Output (P-1) vs Frequency vs Temperature @ 5V
16
17
18
19
20
21
-20°C
0°C
+25°C
+70°C
800 900
1500
1800 2000
2500
2400
Frequency (MHz)
Power Output (P-1) vs Frequency vs Vd @ 25°C
9
12
15
18
21
24
800 900
1500
1800 2000
2500
2400
3V
5V
6V
Supply Voltage (V d)
Gain vs Vd vs Temperature@ 1.8 GHz
20
22
24
26
28
30
34
5
6
-20°C
0°C
+25°C
+70°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com