Electronic Components Datasheet Search
  English  ▼

X  

SA532 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA532
Description  Low power dual operational amplifi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA532 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA532 Datasheet HTML 2Page - NXP Semiconductors SA532 Datasheet HTML 3Page - NXP Semiconductors SA532 Datasheet HTML 4Page - NXP Semiconductors SA532 Datasheet HTML 5Page - NXP Semiconductors SA532 Datasheet HTML 6Page - NXP Semiconductors SA532 Datasheet HTML 7Page - NXP Semiconductors SA532 Datasheet HTML 8Page - NXP Semiconductors SA532 Datasheet HTML 9Page - NXP Semiconductors SA532 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product data
NE/SA/SE532/
LM258/358/A/2904
Low power dual operational amplifiers
2002 Jul 12
6
TYPICAL PERFORMANCE CHARACTERISTICS
–
+
VDC
100 k
Ω
VO
1K
+7
VDC
VIN
2 k
Ω
Tamb = 0 °C to +125 °C
Tamb = 55 °C
4
3
2
1
0
0
10
20
30
40
SUPPLY VOLTAGE (VDC)
90
80
70
60
50
40
30
20
10
0
55 35 –15
5
25
45 65
85 105 125
TEMPERATURE (
°C)
160
120
80
40
0
0
10
203040
SUPPLY VOLTAGE (VDC)
RL + 20 kΩ
RL + 2 kΩ
–
+
V+
10M
VO
0.1
µf
V+/2
VIN
V+ = 30 VDC AND
–55
°C ≤ Tamb ≤ +125 °C
V+ = 10 to 15 VDC AND
–55
°C < Tamb < +125 °C
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k 1M 10M
FREQUENCY (Hz)
20
15
10
5
0
1k
10k
100k
1M
FREQUENCY (Hz)
RL < 2 kΩ V+ 15 VDC
4
3
2
1
0
3
2
1
0
010
20
30
40
TIME (
µs)
EO
50 pF
INPUT
OUTPUT
θIN
500
450
400
350
300
250
01
23
4
5
6
7
8
t — TIME (
µs)
Tamb = +25 °C
V+ = +30 VDC
+V+ /2
V+
V2
IO
INDEPENDENT OF V+
TAamb= +25 °C
8
7
6
5
4
3
2
1
0.001
0.01
0.1
1
10
100
IO+ – OUTPUT SOURCE CURRENT (mADC)
V+ /2
V+
IO
Tamb = +25 °C
V+ = +5 VDC
V+ = +15 VDC
V+ = +30 VDC
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
IO – OUTPUT SINK CURRENT (mADC)
VO
–
+
+
–
Supply Current
Current Limiting
Voltage Gain
Open-Loop
Frequency Response
Large-Signal
Frequency Response
Voltage-Follower
Response
Voltage-Follower
Pulse Response (Small-Signal)
Output Characteristics
Current Sourcing
Output Characteristics
Current Sinking
SL00284
Figure 3. Typical performance characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com