Electronic Components Datasheet Search
  English  ▼

X  

LS-23HS Datasheet(PDF) 1 Page - Ningbo Leison Motor Co. Ltd.

Part # LS-23HS
Description  Hybrid Stepper Motor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NINGBO [Ningbo Leison Motor Co. Ltd.]
Direct Link  https://www.nbleisonmotor.com/
Logo NINGBO - Ningbo Leison Motor Co. Ltd.

LS-23HS Datasheet(HTML) 1 Page - Ningbo Leison Motor Co. Ltd.

  LS-23HS Datasheet HTML 1Page - Ningbo Leison Motor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NINGBO LEISON MOTOR CO.,LIMITED
19
Hybrid Stepper Motor
Mechanical Dimensions
Electrical Specification
Wiring Diagram
23HS (57mm) Series, 1.8 deg/step
Description:
Model
Motor Length


Similar Part No. - LS-23HS

ManufacturerPart #DatasheetDescription
logo
Ningbo Leison Motor Co....
LS-23HM NINGBO-LS-23HM Datasheet
616Kb / 1P
Hybrid Stepper Motor
LS-23HY NINGBO-LS-23HY Datasheet
2Mb / 1P
Hybrid Stepper Motor
More results

Similar Description - LS-23HS

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
39BYG PROMOCO-39BYG Datasheet
326Kb / 1P
Hybrid Stepper Motor
57BYG PROMOCO-57BYG Datasheet
744Kb / 3P
Hybrid Stepper Motor
57HN41-001A PROMOCO-57HN41-001A Datasheet
529Kb / 2P
Hybrid Stepper Motor
85BYGH PROMOCO-85BYGH Datasheet
546Kb / 2P
Hybrid Stepper Motor
85HS PROMOCO-85HS Datasheet
587Kb / 2P
Hybrid Stepper Motor
logo
Lin Eng. Inc.
3518X-04 LINENGINEERING-3518X-04 Datasheet
783Kb / 4P
HYBRID STEPPER MOTOR
3518X-08 LINENGINEERING-3518X-08 Datasheet
786Kb / 4P
HYBRID STEPPER MOTOR
3709V-03 LINENGINEERING-3709V-03 Datasheet
1Mb / 6P
HYBRID STEPPER MOTOR
X208-030-02 LINENGINEERING-X208-030-02 Datasheet
1Mb / 4P
HYBRID STEPPER MOTOR
logo
Ningbo Leison Motor Co....
LS-17HM NINGBO-LS-17HM Datasheet
588Kb / 1P
Hybrid Stepper Motor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com