Electronic Components Datasheet Search
  English  ▼

X  

LM158 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LM158
Description  Low power dual operational amplifi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM158 Datasheet(HTML) 4 Page - NXP Semiconductors

  LM158 Datasheet HTML 1Page - NXP Semiconductors LM158 Datasheet HTML 2Page - NXP Semiconductors LM158 Datasheet HTML 3Page - NXP Semiconductors LM158 Datasheet HTML 4Page - NXP Semiconductors LM158 Datasheet HTML 5Page - NXP Semiconductors LM158 Datasheet HTML 6Page - NXP Semiconductors LM158 Datasheet HTML 7Page - NXP Semiconductors LM158 Datasheet HTML 8Page - NXP Semiconductors LM158 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product data
NE/SA/SE532/
LM258/358/A/2904
Low power dual operational amplifiers
2002 Jul 12
4
DC ELECTRICAL CHARACTERISTICS
Tamb = 25 °C; V+ = +5 V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
SE532, LM258
NE/SA532/
LM358/LM2904
UNIT
Min
Typ
Max
Min
Typ
Max
VOS
Offset voltage1
RS = 0 Ω
±2
±5
±2
±7
mV
VOS
Offset voltage1
RS = 0 Ω; over temp.
±7
±9
mV
VOS
Drift
RS = 0 Ω; over temp.
7
7
µV/°C
IOS
Offset current
IIN(+) – IIN(–)
±3
±30
±5
±50
nA
IOS
Offset current
Over temp.
±100
±150
nA
IOS
Drift
Over temp.
10
10
pA/
°C
I
S
Input current2
IIN(+) or IIN(–)
45
150
45
250
nA
IBIAS
Input current2
IIN(+) or IIN(–); Over temp.
40
300
40
500
nA
IB
Drift
Over temp.
50
50
pA/
°C
VC
Common-mode voltage
V+ = 30 V
0
V+–1.5
0
V+–1.5
V
VCM
g
range3
V+ = 30 V; Over temp.
0
V+–2.0
0
V+–2.0
V
CMRR
Common-mode rejection
ratio
V+ = 30 V
70
85
65
70
dB
VO
Output voltage swing
RL ≥ 2 kΩ; V+ = 30 V; over temp.
26
26
V
VOH
Output voltage swing
RL ≥ 10 kΩ; V+ = 30 V; over temp.
27
28
27
28
V
VOL
Output voltage swing
RL ≥ 10 kΩ; over temp.
5
20
5
20
mV
RL = ∞; V+ = 30 V
0.5
1.0
0.5
1.0
mA
ICC
Supply current
RL=∞ on all amplifiers; V+ = 30 V;
over temp.
0.6
1.2
0.6
1.2
mA
RL ≥ 2 kΩ; VOUT ±10 V
50
100
25
100
V/mV
AVOL
Large-signal voltage gain
V+=15V (for large VO swing);
over temp.
25
15
V/mV
PSRR
Supply voltage rejection
ratio
RS = 0 Ω
65
100
65
100
dB
Amplifier-to-amplifier
coupling4
f = 1 kHz to 20 kHz (input referred)
–120
–120
dB
Output current (Source)
VIN+ = +1 VDC; VIN– = 0 VDC;
V+ = 15 VDC
20
40
20
40
mA
Output current (Source)
VIN+ = +1 VDC; VIN– = 0 VDC;
V+ = 15 VDC; over temp.
10
20
10
20
mA
IOUT
VIN– = +1 VDC; VIN+ = 0 VDC;
V+ = 15 VDC
10
20
10
20
mA
Output current (Sink)
VIN– = +1 VDC; VIN+ = 0 VDC;
V+ = 15 VDC; over temp.
5
8
5
8
mA
VIN+ = 0 V; VIN– = +1 VDC;
VO = 200 mV
12
50
12
50
µA
ISC
Short circuit current5
40
60
40
60
mA
Differential input voltage6
V+
V+
V
GBW
Unity gain bandwidth
Tamb = 25 °C
1
1
MHz
SR
Slew rate
Tamb = 25 °C
0.3
0.3
V/
µs
VNOISE
Input noise voltage
Tamb = 25 °C; f = 1 kHz
40
40
nV/
√Hz
(Notes on next page).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com