Electronic Components Datasheet Search
  English  ▼

X  

NE5521 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE5521
Description  LVDT signal conditioner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5521 Datasheet(HTML) 5 Page - NXP Semiconductors

  NE5521 Datasheet HTML 1Page - NXP Semiconductors NE5521 Datasheet HTML 2Page - NXP Semiconductors NE5521 Datasheet HTML 3Page - NXP Semiconductors NE5521 Datasheet HTML 4Page - NXP Semiconductors NE5521 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE5521
LVDT signal conditioner
August 31, 1994
905
Figure 2. Oscillator Frequency Variation With Voltage
(Normalized to VREF = VCC = 10V) TA = +25°C
16
8
0
–8
–16
5
8
10
12
14
16
18
20
VCC = VREF (V)
∆fOSC
(%)
Figure 3. IREF and ICC vs Voltage (TA = +25°C)
20
15
10
5
0
5
10
15
20
25
VCC = VREF (V)
IREF
ICC
Figure 4. IREF and ICC vs Temperature
(VREF = VCC = 10V)
16
14
12
10
8
6
4
–55
–40
0
25
70 85 125
TA (°C)
IREF
ICC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com