Electronic Components Datasheet Search
  English  ▼

X  

IXGA30N120B3 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IXGA30N120B3
Description  High-Speed Low-Vsat IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXGA30N120B3 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IXGA30N120B3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXGA30N120B3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISG2031
eq IXGA30N120B3
High-Speed Low-Vsat IGBT
www.iscsemi.com
1
DESCRIPTION
· Low Saturation Voltage:VCE(sat)=3.5V@IC=30A
· Low Switching Losses
APPLICATIONS
· Power Inverters
· UPS
· Motor Drives
· SMPS
· PFC Circuits
· Welding Machines
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
60
A
IC
Collector Current-Continuous
@ TC=100℃
30
A
ICM
Pulsed Collector Current@ TC=25℃
150
A
PD
Power Dissipation @TC=25℃
300
W
Tj
Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.42
℃
/W
G
C
E
C
A
B
D
F
G
H
L
S
V
G
C
E


Similar Part No. - IXGA30N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
More results

Similar Description - IXGA30N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH10N60A IXYS-IXGH10N60A Datasheet
56Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGH10N100 IXYS-IXGH10N100 Datasheet
46Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGM40N60 IXYS-IXGM40N60 Datasheet
106Kb / 4P
Low VCE(sat) IGBT, High speed IGBT
IXGH17N100 IXYS-IXGH17N100 Datasheet
69Kb / 2P
Low V IGBT High speed IGBT
MMIX1G120N120A3V1 IXYS-MMIX1G120N120A3V1 Datasheet
253Kb / 7P
Ultra-Low-Vsat PT IGBT for 3kHz Switching
MMIX1G320N60B3 IXYS-MMIX1G320N60B3 Datasheet
250Kb / 7P
Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
IXGN72N60C3H1 IXYS-IXGN72N60C3H1 Datasheet
229Kb / 7P
High-Speed Low-Vsat PT IGBTs 40-100 kHz Switching
IXGN82N120B3H1 IXYS-IXGN82N120B3H1 Datasheet
197Kb / 6P
High-Speed Low-Vsat PT IGBT for 3-20 kHz Switching
IXGN400N60B3 IXYS-IXGN400N60B3 Datasheet
181Kb / 6P
Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
logo
Inchange Semiconductor ...
IXYN110N120A4 ISC-IXYN110N120A4 Datasheet
527Kb / 3P
Ultra Low-Vsat IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com