Electronic Components Datasheet Search
  English  ▼

X  

1751723 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751723
Description  ZFKDSA 1-V-3,81- 3 - PCB terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751723 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751723 Datasheet HTML 1Page - PHOENIX CONTACT 1751723 Datasheet HTML 2Page - PHOENIX CONTACT 1751723 Datasheet HTML 3Page - PHOENIX CONTACT 1751723 Datasheet HTML 4Page - PHOENIX CONTACT 1751723 Datasheet HTML 5Page - PHOENIX CONTACT 1751723 Datasheet HTML 6Page - PHOENIX CONTACT 1751723 Datasheet HTML 7Page - PHOENIX CONTACT 1751723 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 12 A, rated voltage (III/2): 200 V, nominal cross section: 1
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
ZFKDS(A) 1-V, pitch: 3.81 mm, connection method: Spring-cage connection, mounting: Wave
soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard
Your advantages
Defined contact force ensures that contact remains stable over the long term
•
Clamping space opened by means of fixed screwdriver enables convenient conductor connection
•
Vertical connection enables multi-row arrangement on the PCB
•
The latching on the side enables various numbers of positions to be combined
•
Two solder pins reduce the mechanical strain on the soldering spots
•
Commercial data
Item number
1751723
Packing unit
50 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
AALMAC
GTIN
4046356318266
Weight per piece (including packing)
3.847 g
Weight per piece (excluding packing)
3.47 g
Country of origin
PL
ZFKDSA 1-V-3,81- 3 - PCB terminal block
1751723
https://www.phoenixcontact.com/us/products/1751723
Oct 10, 2023, 7:03 AM
Page 1 (8)


Similar Part No. - 1751723

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17517 FREESCALE-17517 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
logo
PHOENIX CONTACT
1751707 PHOENIX-1751707 Datasheet
41Kb / 2P
Printed-circuit board connector - ZEC 1,0/10-LPV-3,5 GY35AUC2CI1
logo
List of Unclassifed Man...
1751710B1 ETC2-1751710B1 Datasheet
57Kb / 2P
CORDSET
logo
ERNI Electronics
175173 ERNI-175173 Datasheet
42Kb / 1P
MaxiBridge Standardkabelkonfektionen
logo
PHOENIX CONTACT
1751736 PHOENIX-1751736 Datasheet
235Kb / 8P
ZFKDSA 1-V-3,81- 5 - PCB terminal block
More results

Similar Description - 1751723

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1747957 PHOENIX-1747957 Datasheet
118Kb / 5P
PCB terminal block - ZFKDSA 1-W-3,81-10
1904354 PHOENIX-1904354 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1-V-3,81-10
1932876 PHOENIX-1932876 Datasheet
46Kb / 2P
PCB terminal block - ZFKDSA 1-3,81-12
1991639 PHOENIX-1991639 Datasheet
46Kb / 2P
PCB terminal block - ZFKDSA 1-V-3,81-12
1891043 PHOENIX-1891043 Datasheet
242Kb / 8P
ZFKDSA 1-V-3,81- 8 - PCB terminal block
1993815 PHOENIX-1993815 Datasheet
240Kb / 8P
ZFKDSA 1-V-3,81-18 - PCB terminal block
1889770 PHOENIX-1889770 Datasheet
244Kb / 8P
ZFKDSA 1-3,81- 2 - PCB terminal block
1889796 PHOENIX-1889796 Datasheet
244Kb / 8P
ZFKDSA 1-3,81- 8 - PCB terminal block
1932915 PHOENIX-1932915 Datasheet
244Kb / 8P
ZFKDSA 1-3,81-30 - PCB terminal block
1904804 PHOENIX-1904804 Datasheet
221Kb / 8P
ZFKDSA 1-V-3,81- 6 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com