Electronic Components Datasheet Search
  English  ▼

X  

SSTX404S Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SSTX404S
Description  NPN General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SSTX404S Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SSTX404S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SSTX404S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SSTX404S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SSTX404S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N2115, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SSTX404S
SSTX404S NPN General Purpose Amplifier
TRANSISTOR(Q1)
Characteristic
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
75
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
0.6
A
DIODE(D1)
Characteristic
Symbol
Limits
Unit
Maximum (peak) Forward Current
IFM
300
mA
Average Forward Current
IO
100
mA
Surge Current (100uS)
IFSM
2
A
COMMON
Characteristic
Symbol
Limits
Unit
Maximum Output (Pin1-Pin3)Voltage
VO
40
V
Power Dissipation
PC
350
mW
Junction Temperature Range
Tj
150
°C
Storage Temperature Range
Tstg
-55~150
°C
Features
Schematic & Pin Configuration
Mechanical Characteristics
Maximum Ratings@TA=25°C unless otherwise specified
Low saturation Voltage(Transistor)
:VCE(sat)=0.3V(Max.);IC=150mA,IB=15mA
Fast Reverse Recovery Time(Diode)
Capable of 350mWatts of Power Dissipation
Operating and Storage Junction Temperatures: -55℃ to 150℃
Surface Mount SOT-23 Package
RoHS compliant / Green EMC
Collector current: IC=0.6A
SOT-23
Case: SOT-23, Molded Plastic
Terminals: Plated leads Solderable per MIL-STD-202,
Method 208
Mounting Position: Any
DIODE(D1)
1. EMITTER/ANODE
2. BASE
3. COLLECTOR/CATHODE


Similar Part No. - SSTX404S

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
SSTX404S BURLAND-SSTX404S Datasheet
171Kb / 4P
SSTX404S NPN General Purpose Amplifier
Rev. A
More results

Similar Description - SSTX404S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com