Electronic Components Datasheet Search
  English  ▼

X  

ISL4089IBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL4089IBZ
Description  DC-Restored Video Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4089IBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL4089IBZ Datasheet HTML 1Page - Intersil Corporation ISL4089IBZ Datasheet HTML 2Page - Intersil Corporation ISL4089IBZ Datasheet HTML 3Page - Intersil Corporation ISL4089IBZ Datasheet HTML 4Page - Intersil Corporation ISL4089IBZ Datasheet HTML 5Page - Intersil Corporation ISL4089IBZ Datasheet HTML 6Page - Intersil Corporation ISL4089IBZ Datasheet HTML 7Page - Intersil Corporation ISL4089IBZ Datasheet HTML 8Page - Intersil Corporation ISL4089IBZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FN6192.1
June 28, 2006
Absolute Maximum Ratings (TA = 25°C)
Voltage between V+ and GND . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Voltage between IN+, IN-, HOLD, VREF and GND
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.5;V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Digital and Analog Input Current (Note 1) . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . .3000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .250V
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . -40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
V+ = +5V, Load = 1k
Ω; TA = +25°C
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
AMPLIFIER SECTION (HOLD = 5V)
Ib+
IN+ Input Bias Current
VIN+ = 2.5V
-7
20
µA
Ib-
IN- Input Bias Current
VIN- = 1.3V
-30
-1
µA
AVOL
Open Loop Gain
60
dB
VOUT+
High Output Level
RL = 1k
3.5
V
VOUT-
Low Output Level
IL = 0mA
5
mV
ISC
Short Circuit Current
100
mA
RESTORE SECTION
VOS, Comp
Composite Input Offset Voltage
VREF = 0V to +2.5V
10
15
mV
IOUT
Restoring Current Available
300
µA
PSRR
Power Supply Rejection Ratio
V+ = 5V to 6V
70
90
dB
Ib VREF
VREF Input Bias Current
VREF = +2.5V
-0.8
-0.5
-0.2
µA
VH HOLD
HOLD Logic Input Low
0.8
V
VL HOLD
HOLD Logic Input High
2.0
V
IIH, Hold
HOLD Input Current @ Logic High
VHOLD = 5V
-15
30
µA
IIL, Hold
HOLD Input Current @ Logic Low
VHOLD = 0V
-5
5
µA
IS
Supply Current
VHOLD = 0V
17
20
23
mA
AC Electrical Specifications
VS = +5V, VREF = 0VDC, RL = 150Ω, RF and RG = 475Ω; AV = 2, TA = +25°C.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNITS
AMPLIFIER SECTION
SR
Slew Rate; 2VP-P, 20% to 80%
300
V/µs
tr, tf
Output Rise and Fall Times
VOUT = 0.2Vp-p; 10% to 90%
3.2
ns
tpd
Propagation Delay, IN+ to Output
VOUT = 0.2V; 10% to 10%
0.3
ns
-3dB BW
Small Signal; Unity Gain
RF = 0; RG = inf.; CL = 0.6pF,
VOUT = 0.2VP-P
300
MHz
Large Signal; Unity Gain
RF = 0; RG = inf.; CL = 0.6pF,
VOUT = 2VP-P
95
MHz
Small Signal; AV = +2
CL = 0.6pF, VOUT = 0.2VP-P
150
MHz
Large Signal; AV = +2
CL = 0.6pF, VOUT = 2VP-P
85
MHz
ISL4089



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com