Electronic Components Datasheet Search
  English  ▼

X  

UG2KB05 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # UG2KB05
Description  Single-Phase 2.0A Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

UG2KB05 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  UG2KB05 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD UG2KB05 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD UG2KB05 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD UG2KB05 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD UG2KB05 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Data Sheet N1920, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
UG2KB05
THRU
UG2KB100
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Ordering Information
Marking Diagram
Device
Package
Plating
Shipping
UG2KB05
THRU
UG2KB100
D3K(Pb-Free)
Pure Sn
37pcs / tube
Where XXXXX is YYWWL
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
UG2KB05
= Type Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com