Electronic Components Datasheet Search
  English  ▼

X  

UG6KB10 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # UG6KB10
Description  Single-Phase 6.0A Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

UG6KB10 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  UG6KB10 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD UG6KB10 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD UG6KB10 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD UG6KB10 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD UG6KB10 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1922, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
UG6KB05
THRU
UG6KB100
UG6KB05 THRU UG6KB100
Single-Phase 6.0A Glass Passivated Bridge Rectifier
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings: @TA=25°C unless otherwise specified
Type Number
Symbol
UG6K
B05
UG6K
B10
UG6K
B20
UG6K
B40
UG6K
B60
UG6K
B80
UG6K
B100 Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Without heat sink @TA = 30°C
Output Current With heat sink @TA = 140°C
IO
3.0
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated
load (JEDEC Method)
IFSM
150
A
Case: D3K, Molded plastic
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Polarity: as marked on case
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
D3K


Similar Part No. - UG6KB10

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG6KB10 GULFSEMI-UG6KB10 Datasheet
151Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
logo
Guangdong Juxing Electr...
UG6KB10 JUXING-UG6KB10 Datasheet
781Kb / 2P
BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
UG6KB10 CHENDA-UG6KB10 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG6KB10 DYELEC-UG6KB10 Datasheet
411Kb / 2P
SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG6KB10 DYELEC-UG6KB10 Datasheet
931Kb / 3P
SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UG6KB10

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ6A WTE-GBJ6A Datasheet
61Kb / 4P
6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU6A WTE-GBU6A_06 Datasheet
59Kb / 4P
6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBPC600G WTE-KBPC600G_06 Datasheet
47Kb / 4P
6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBU600G WTE-KBU600G_06 Datasheet
59Kb / 4P
6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
GBJ6005 SMC-GBJ6005 Datasheet
294Kb / 4P
Single-Phase 6.0A Glass Passivated Bridge Rectifier
GBU6005 SMC-GBU6005 Datasheet
162Kb / 4P
Single-Phase 6.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJ6005 SMCDIODE-GBJ6005 Datasheet
415Kb / 5P
Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
GBU6005 SMCDIODE-GBU6005 Datasheet
349Kb / 5P
Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
GBU6005G SMCDIODE-GBU6005G Datasheet
370Kb / 5P
Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com