Electronic Components Datasheet Search
  English  ▼

X  

CMCP303 Datasheet(PDF) 1 Page - STI Vibration Monitoring Inc.

Part # CMCP303
Description  CMCP303 Series Triaxial Connection Boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP303 Datasheet(HTML) 1 Page - STI Vibration Monitoring Inc.

  CMCP303 Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP303 Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMCP303 Series
Triaxial Connection Boxes
Features
•
For 2, 4 or 6 Triaxial Accelerometers
•
Speeds Up Data Collection
•
More Repeatable Readings
•
Painted Steel, Fiberglass or Stainless-Steel
•
IP66, NEMA 4/4X Enclosure
•
Hinged Door and Front Panel
•
M12 5-Pin Quick Connect Connectors
•
Engraved Channel ID’s
•
Heavy Duty Sensor Input Terminal Strips
•
Sensor Location Guide in Door
• Optional Installed IP68 Breakthrough Cord Grips
Product Overview
The CMCP303 Series Triaxial Connection Boxes are multiple channel connection centers for terminating the outputs
of triaxial accelerometers. They are normally located in close proximity to a machine to reduce wiring costs as well
as to provide a convenient and safe location to access sensor signals. The CMCP303 Series Triaxial Connection
Boxes are available with either a Fiberglass NEMA 4X, Painted Steel NEMA 4 or Stainless Steel NEMA 4X enclosure.
All enclosures feature integral mounting flanges and quick release door latches. A 5 pin M12 output connector is
available for each triaxial sensor input. The 5 pin allows for the use of triaxial sensors with the optional
temperature output and is compatible with 4 and 5 socket connecting cables. The CMCP303 is not data collector
specific and can be used with any manufacturer with the proper cable. (Select the -M12 option for Side B when
specifying CMCP665/667 Data Collector Cable Assemblies)
Specifications
Input
Connection:
Screw Terminals, 14-22 AWG
Termination:
Bare Wire or Spade Lugs (#6 Screw Size)
Isolation:
Electrically Isolated
Output
Connection:
M12 Connector, A CODE, Male, 5-PIN
Environmental
Material:
SS Option
14 AWG 304 Stainless Steels
PS Option
14 AWG Mild Steel ANSI 61 Polyester Powder Coated
FG Option
Compression Molded Fiberglass
Rating:
Stainless Steel
NEMA 4X, IP66, -Resistant to Hose Directed Fluid and Corrosion
Painted Steel
NEMA 4, IP66
Fiberglass
NEMA 4X, IP66
Temperature Range:
-55 to +85°C (-67 to 185°F)
Door Closure:
Steel
3/4 Turn Twist Lock
Fiberglass
Snap Latch Quick Release
Optional Cord Grips
Material:
Nylon Cord Grip with Zinc Plated Steel Washer
IP Rating:
IP68
For Cable Size:
0.17”-0.22” Cable Diameter
Location:
Enclosure Bottom


Similar Part No. - CMCP303

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP300 STI-CMCP300 Datasheet
819Kb / 2P
CMCP300 Series Individual BNC Output Junction Boxes
2/2/2022
CMCP300E STI-CMCP300E Datasheet
421Kb / 3P
CMCP300E Series Four Channel BNC Interface Module
03/28/2018
CMCP300P STI-CMCP300P Datasheet
1Mb / 3P
CMCP300P Sensor Power and Interface Module
April 2020
CMCP305 STI-CMCP305 Datasheet
299Kb / 1P
CMCP305 Quick Access BNC Junction Boxes
CMCP305PS STI-CMCP305PS Datasheet
583Kb / 1P
CMCP305PS Series Low Cost BNC Junction Box
January 26, 2021
More results

Similar Description - CMCP303

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
BOXES
logo
Glenair, Inc.
M24758-10-16-01 GLENAIR-M24758-10-16-01 Datasheet
81Kb / 2P
Triaxial Connectors
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
Junction Boxes
PBL2 ETC2-PBL2 Datasheet
152Kb / 1P
Flanged Boxes PBL Series
MB1G ETC2-MB1G Datasheet
110Kb / 1P
Multipurpose Boxes
BM11W ETC2-BM11W Datasheet
94Kb / 1P
ABS Boxes
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-V112 PF-V1-8A-E2-V112 Datasheet
885Kb / 2P
Splitter boxes
2022-06-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com