Electronic Components Datasheet Search
  English  ▼

X  

CMCP603C Datasheet(PDF) 1 Page - STI Vibration Monitoring Inc.

Part # CMCP603C
Description  CMCP603C Series M8 Eurostyle Cable Assemblies for 3 Pin Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP603C Datasheet(HTML) 1 Page - STI Vibration Monitoring Inc.

  CMCP603C Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP603C Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
CMCP603C Series
M8 Eurostyle Cable Assemblies for 3 Pin Sensors
Features:
M8 with Molded Strain Relief
IP67 Locking Collar Connector
Straight or Side Exit Versions Available
Twisted/Shielded Cable with Drain Wire
General Purpose PUR Jacketed Cable
Low Cost
Typical Applications
Sensors with M8 3 Pin Connectors
Connector Specifications:
Connector Type:
M8 (EuroFast)
Mates With:
3 Pin Male M8 Sensors
Material:
PUR
Contact Material:
Brass/Gold
Coupling Nut Material:
Stainless Steel
Cable Specifications:
Jacket Material:
PUR
Jacket Color:
Black
Insulation:
Polypropylene
Conductors:
3 Plus Drain Shield
Wire AWG:
22AWG
Drain Wire AWG:
26AWG
Shielding:
Foil
Cable Diameter:
0.18” (4.5mm)
Weight:
0.028 Lbs/Ft
Temperature Range:
-40°C to +120°C (-40°F to +248°F)
Environmental:
IP Rating:
IP67 Per IEC
Connector Pinout / Wire Color:


Similar Part No. - CMCP603C

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP603A STI-CMCP603A Datasheet
384Kb / 2P
Armored Sensor Extension Cable, 3 Socket MIL 5015 Connector
9/9/2022
CMCP603H STI-CMCP603H Datasheet
472Kb / 2P
High Temperature 3 Socket MS Cable Assembly IP68 Locking Collar Connector – Yellow FEP Jacket
July 2023
CMCP603HST STI-CMCP603HST Datasheet
475Kb / 2P
High Temperature 3 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Yellow FEP Jacket
July 2023
CMCP603L STI-CMCP603L Datasheet
501Kb / 2P
General Purpose 3 Socket MS Cable Assembly IP68 Locking Collar Connector – Black TPE Jacket
July 2023
CMCP603LST STI-CMCP603LST Datasheet
485Kb / 2P
General Purpose 3 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Black TPE Jacket
July 2023
More results

Similar Description - CMCP603C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCR2705037R1 SCHNEIDER-XZCR2705037R1 Datasheet
120Kb / 4P
jumper cable XZ - male straight M8 3-pin - female straight M8 3-pin - PUR 1m
Dec 7, 2020
XZCR2705037R2 SCHNEIDER-XZCR2705037R2 Datasheet
119Kb / 4P
jumper cable XZ - male straight M8 3-pin - female straight M8 3-pin - PUR 2m
Dec 7, 2020
XZCR2706037R1 SCHNEIDER-XZCR2706037R1 Datasheet
99Kb / 4P
jumper cable XZ - male straight M8 3-pin - female elbowed M8 3-pin - PUR 1m
Dec 7, 2020
XZCR2706037R2 SCHNEIDER-XZCR2706037R2 Datasheet
98Kb / 4P
jumper cable XZ - male straight M8 3-pin - female elbowed M8 3-pin - PUR 2m
Dec 7, 2020
XZCR2709037S1 SCHNEIDER-XZCR2709037S1 Datasheet
107Kb / 4P
jumper cable XZ - male straight M8 3-pin - female straight M8 4-pin - PUR 1m
Dec 7, 2020
XZCR2709037S2 SCHNEIDER-XZCR2709037S2 Datasheet
107Kb / 4P
jumper cable XZ - male straight M8 3-pin - female straight M8 4-pin - PUR 2m
Dec 7, 2020
XZCRV2605V2X1 SCHNEIDER-XZCRV2605V2X1 Datasheet
76Kb / 3P
jumper cable XZ - male straight M8 4 pin - female straight M8 3 pin - PVC 1m
Dec 7, 2020
logo
TE Connectivity Ltd
3-1773983-2 TEC-3-1773983-2 Datasheet
2Mb / 28P
M8/M12 CABLE ASSEMBLIES
logo
STI Vibration Monitorin...
CMCP605 STI-CMCP605 Datasheet
518Kb / 2P
M12 Eurostyle Cable Assemblies for 4 or 5 Pin Sensors
03/18/2022
CMCP608 STI-CMCP608 Datasheet
317Kb / 2P
M12 Eurofast Cable Assemblies for 8 Pin Sensors
11/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com