Electronic Components Datasheet Search
  English  ▼

X  

CMCP603LST Datasheet(PDF) 2 Page - STI Vibration Monitoring Inc.

Part # CMCP603LST
Description  General Purpose 3 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Black TPE Jacket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP603LST Datasheet(HTML) 2 Page - STI Vibration Monitoring Inc.

  CMCP603LST Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP603LST Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.: 4.2
Issued July 2023
Connector Pinout / Wire Color
Color Code:
A = White
B = Back
C = Red
Ordering Information
CMCP603LST -XX -XX
-XX
-XX
3 Socket MS Cable Assembly w/ Push On (IP68)
-16
16’ (5 m) Long
-32
32’ (10 m) Long
-64
64’ (20 m) Long
-Specify
Specify Cable Length in Feet
-01
Standard Cable, No Armor
-03
Cable with Overall Stainless Steel Braided Armor
-01
Tinned Leads on Fly End (Terminal Block Connection)
-02
Spade Lugs Installed on Leads (for Screw Terminals)
-03
BNC Jack on Fly End
-04
BNC Plug on Fly End
-I
or Leave Blank, Isolated – Shield Not Connected at Sensor (Standard)
-NI
Non-Isolated – Shield Connected at Sensor End
Example Part Number:
CMCP603LST-16-01-01
3 Socket MS Cable Assembly
16’ (5m) Long
Standard Cable, No Armor
Tinned Leads on Fly End
Similar Products
CMCP603L Series
CMCP602LST
CMCP603A Series
3 Socket Locking Collar
2 Socket Push On
3 Socket Locking Collar,
Hose Armored Cable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com