Electronic Components Datasheet Search
  English  ▼

X  

2471 Datasheet(PDF) 1 Page - Belden Inc.

Part # 2471
Description  M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2471 Datasheet(HTML) 1 Page - Belden Inc.

  2471 Datasheet HTML 1Page - Belden Inc. 2471 Datasheet HTML 2Page - Belden Inc. 2471 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RKT 4-3-224
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,
A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34
mm²
Product Description
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin, A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34
mm²
Technical Drawing
Technical Specifications
Face View
Pin 1
Pin 2 Pin 3 Pin 4
brown n.c.
blue
black
Technical Data
Product Family:
Sensor / Actuator Connectors
Product Sub Family:
M12 Standard
Brand:
Lumberg Automation
Connector Type:
Cordset, single ended
Type of Contact / Gender:
Female
Connector Design:
Straight
Number of Pins:
4
Coding:
A
Shielding:
Unshielded
Attachment Type:
Coupling Nut
Rated Voltage:
250 V
Rated Voltage (UL):
250 V AC
Rated Impulse Voltage:
2.5 kV
Operating Voltage:
230 V AC/DC
Rated Current*:
4 A
Rated Current (UL)*:
4 A


Similar Part No. - 2471

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2471 KR-2471 Datasheet
24Kb / 2P
Bandpass Filter
logo
Alpha Wire
2471 ALPHAWIRE-2471 Datasheet
92Kb / 4P
Customer Specification
1/4/2023
logo
Keystone Electronics Co...
2471 KEYSTONE-2471 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Heyco.
2471 HEYCO-2471 Datasheet
106Kb / 1P
Snap Bushings
logo
Adafruit Industries
2471 ADAFRUIT-2471 Datasheet
202Kb / 3P
Adafruit HUZZAH ESP8266 Breakout
7/16/2015
More results

Similar Description - 2471

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402561 PHOENIX-1402561 Datasheet
106Kb / 4P
Sensor/actuator cable, 3-position, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 5 m, For valve connector
1402562 PHOENIX-1402562 Datasheet
100Kb / 4P
Sensor/actuator cable, 3-position, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 10 m, For valve connector
1546657 PHOENIX-1546657 Datasheet
107Kb / 4P
Sensor/actuator cable, 4-position, PUR, orange RAL 2003, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 3 m
logo
Schneider Electric
XZCR1511041C1 SCHNEIDER-XZCR1511041C1 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 1m
Dec 7, 2020
XZCR1511041C2 SCHNEIDER-XZCR1511041C2 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 2m
Dec 7, 2020
XZCR1511041C5 SCHNEIDER-XZCR1511041C5 Datasheet
123Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 5m
Dec 7, 2020
XZCR1512041C1 SCHNEIDER-XZCR1512041C1 Datasheet
98Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M12 4-pin - PUR 1m
Dec 7, 2020
XZCRB151141C2 SCHNEIDER-XZCRB151141C2 Datasheet
89Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 2m
Dec 7, 2020
XZCRB151141C5 SCHNEIDER-XZCRB151141C5 Datasheet
88Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 5m
Dec 7, 2020
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com