Electronic Components Datasheet Search
  English  ▼

X  

135X705 Datasheet(PDF) 2 Page - Marathon Special Products

Part # 135X705
Description  POWER DISTRIBUTION BLOCK 135X705
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

135X705 Datasheet(HTML) 2 Page - Marathon Special Products

  135X705 Datasheet HTML 1Page - Marathon Special Products 135X705 Datasheet HTML 2Page - Marathon Special Products 135X705 Datasheet HTML 3Page - Marathon Special Products 135X705 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.marathonsp.com
2
REV-E 11/25/19
Product Data Sheet
Termination Specifications
Line Side
Wire Size
(CU Stranded)
Torque
Wires/
Terminal
Wire Class (UL)1
750 - 1/0
67.8 N.m
(600 in. lbs)
1
B, C
535 - 1/0
67.8 N.m
(600 in. lbs)
1
G, H, I
• Aluminum stranded wire range: 750 - 1/0
• Solid copper wire range: 750 - 1/0
• Wire strip length: 1 3/4”
• Terminal screw drive: 5/16 in. hex
Load Side
Terminal
Wire Size
(CU Stranded)
Torque
WIres/Terminal
Wire Class (UL)1
250 kcmil-
6AWG
250 - 6
31.0 N.m
(275 in. lbs)
1
B, C
3/0 - 6
31.0 N.m
(275 in. lbs)
1
G, H, I
2 - 14 AWG
2 - 8
5.7 N.m
(50 in. lbs)
1
B, C
4 - 8
5.7 N.m
(50 in. lbs)
1
G, H, I
10 - 14
4.5 N.m
(40 in. lbs)
1
B, C, I
• Aluminum stranded wire range: 250 kcmil - 6 (L) ; #2 - 6 AWG (S)
• Solid copper wire range: 250 kcmil - 6 (L) ; #2 - 14 AWG (S)
• Wire strip length 250 kcmil: 1 3/4”
• Wire strip length #2 AWG Top Row: 7/16”
• Wire strip length #2 AWG Bottom Row: 7/8”
• Terminal screw drive: 5/16 in. hex
1
For information on copper stranded wire classes please visit:
http://www.marathonsp.com/flexible-stranded-wire.php



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com