Electronic Components Datasheet Search
  English  ▼

X  

145X408 Datasheet(PDF) 2 Page - Marathon Special Products

Part # 145X408
Description  760 Amps 600 Volts AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

145X408 Datasheet(HTML) 2 Page - Marathon Special Products

  145X408 Datasheet HTML 1Page - Marathon Special Products 145X408 Datasheet HTML 2Page - Marathon Special Products 145X408 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.marathonsp.com
2
PDS 0407 REV-E 1/12/18
Termination Specifications
•
Aluminum wire range: 500kcmil - #6 AWG
•
Wire strip length: 1 5/8 in. (41mm)
•
Terminal screw drive: 3/8 in. hex
Line Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
500 kcmil
42.4 N·m (375 lbf·in)
1
B, C
400
42.4 N·m (375 lbf·in)
1
B, C, G, H
350 - 2
42.4 N·m (375 lbf·in)
1
B, C, G, H, I (DLO)
4
42.4 N·m (375 lbf·in)
1
B, C
1
For information on copper stranded wire classes please visit:
http://www.marathonsp.com/flexible-stranded-wire.php
2
Multiple wire rating applies to class B, C, & I.
•
Solid copper wire range: #10 - 14
•
Aluminum wire range: #4 - #14 AWG
•
Wire strip length:
•
top row: 5/8 in. (16mm)
•
bottom row: 1 1/8 in. (29mm)
•
Terminal screw drive - slotted
Load Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
2 AWG
5.6 N·m (50 lbf·in)
1
B, C
4 - 6
5.1 N·m (45 lbf·in)
1
B, C, G, H, I (DLO)
8
4.5 N·m (40 lbf·in)
1 - 2 2
B, C, G, H, I (DLO)
10
4 N·m (35 lbf·in)
1 - 2
B, C, I (DLO)
12 - 14
4 N·m (35 lbf·in)
1 - 2
I (DLO)
1 - 4
B, C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com