Electronic Components Datasheet Search
  English  ▼

X  

NE5539F Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE5539F
Description  High frequency operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5539F Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NE5539F Datasheet HTML 4Page - NXP Semiconductors NE5539F Datasheet HTML 5Page - NXP Semiconductors NE5539F Datasheet HTML 6Page - NXP Semiconductors NE5539F Datasheet HTML 7Page - NXP Semiconductors NE5539F Datasheet HTML 8Page - NXP Semiconductors NE5539F Datasheet HTML 9Page - NXP Semiconductors NE5539F Datasheet HTML 10Page - NXP Semiconductors NE5539F Datasheet HTML 11Page - NXP Semiconductors NE5539F Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product data
NE/SE5539
High frequency operational amplifier
2002 Jan 25
8
CIRCUIT LAYOUT CONSIDERATIONS
As may be expected for an ultra-high frequency, wide-gain
bandwidth amplifier, the physical circuit is extremely critical.
Bread-boarding is not recommended. A double-sided copper-clad
printed circuit board will result in more favorable system operation.
An example utilizing a 28 dB non-inverting amp is shown in Figure 6.
R5 = 20k TRIMPOT (CERMET)
RF = 1.5k (28dB GAIN)
R6 = 470Ω 5% CARBON
RFC 3T # 26 BUSS WIRE ON
FERROXCUBE VK 200 09/3B CORE
BYPASS CAPACITORS
1nF CERAMIC
(MEPCO OR EQUIV.)
Component Side
(Component Layout)
Bottom Plane
Copper1
R5
R1
R2
VIN
R6
CC
RF
R5
—V
RFC
R4
RFC
X
X
X
X
XX
X
X
XX
X
X
(1)
+V
OPTIONAL
OFFSET
ADJ.
+V
–V
R5
R4
R1
75
RF
+V
RFC
–14
10
8
3
7
NE5539
1nF
1nF
R3
75
VOUT
75Ω
TERM
470
R6
RFC
1nF
1nF
—V
VIN
R2
+1
75
R1 = 75Ω 5% CARBON
R2 = 75Ω 5% CARBON
R3 = 75Ω 5% CARBON
R4 = 36K 5% CARBON
Top Plane Copper1
(Component Side)
SL00575
Figure 6. 28dB Non-Inverting Amp Sample PC Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com