Electronic Components Datasheet Search
  English  ▼

X  

EPBAD48 Datasheet(PDF) 4 Page - Marathon Special Products

Part # EPBAD48
Description  200 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAD48 Datasheet(HTML) 4 Page - Marathon Special Products

  EPBAD48 Datasheet HTML 1Page - Marathon Special Products EPBAD48 Datasheet HTML 2Page - Marathon Special Products EPBAD48 Datasheet HTML 3Page - Marathon Special Products EPBAD48 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.marathonsp.com
4
PDS 0497 REV-A 11/14/16
Drawing
Installation & Accessories
• Din-Rail mountable on (any) 35mm wide rail: MN35-2 (35 X 7.5mm, 2m long)
• End Brackets: MSK35
• Terminal Allen wrench sizes:
• Line side - 6mm
• Load side (#2-14) - 4mm
• Load side (#6-14) - 2.5 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com