Electronic Components Datasheet Search
  English  ▼

X  

EPBAP42 Datasheet(PDF) 3 Page - Marathon Special Products

Part # EPBAP42
Description  200 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAP42 Datasheet(HTML) 3 Page - Marathon Special Products

  EPBAP42 Datasheet HTML 1Page - Marathon Special Products EPBAP42 Datasheet HTML 2Page - Marathon Special Products EPBAP42 Datasheet HTML 3Page - Marathon Special Products EPBAP42 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.marathonsp.com
3
PDS 0418 REV-H 12/19/17
Wire
Class
Suitable
Conductors
Overcurrent Protection Circuit Required
Voltage AC
Max
Line
Load
Manufacturer
Type
Max Amperage SCCR RMS sym
AMPs
B, C
3/0 - 4
3/0 - 8
Square D
JDL32650
250
18kA
480
JGL36250
250
35kA
JJL36250
250
65kA
JJL36250
250
65kA
SCCR With Circuit Breakers
Installation & Accessories
•
Mounting (Panel or DIN):
•
For use with #10 fastener.
•
Mounting torque to be determined in end use application not to exceed 30 lbf·in ( 3.4 N·m).
•
Din-Rail mountable on 35 X 7.5, 2m long, slotted: MN35-2
•
End Brackets: MSK35
•
Marker cards:
•
white plastic inserts to mark circuits available.
•
Printing options available, consult customer service for specifications.
•
Allen wrenches (6mm):
•
S & K tools
45956
•
Snap-on tools
FAML6E
•
MAC tools
XDLS6MM
•
McMaster Carr 8367A24
•
Armstrong
38-711



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com