Electronic Components Datasheet Search
  English  ▼

X  

EPBAP84 Datasheet(PDF) 1 Page - Marathon Special Products

Part # EPBAP84
Description  760 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAP84 Datasheet(HTML) 1 Page - Marathon Special Products

  EPBAP84 Datasheet HTML 1Page - Marathon Special Products EPBAP84 Datasheet HTML 2Page - Marathon Special Products EPBAP84 Datasheet HTML 3Page - Marathon Special Products EPBAP84 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Data Sheet
A Regal Brand
www.marathonsp.com
1
EPBAP84
Enclosed Power Distribution Block
760 Amps 600 Volts AC/DC
Wire Range
•
Line: (2) 500 kcmil - #4 AWG (250 mm2 - 25 mm2 Class 2)
•
Load: (8) 2/0 - #14 AWG (50 mm2 - 2.5 mm2 Class 2)
Electrical Ratings
•
760 Amps CU
•
620 Amps AL
•
600V per UL 1953 & CSA 22.2 No.158, class B & C requirements
•
1000 V AC/DC per IEC 60947-7-1 (CE)
•
Short circuit current ratings (SCCR): See SCCR section below for specifications.
•
CU7AL - 75°C connector terminal rating with copper or aluminum wire
•
Touch protection: IP-20 (IEC 60529)
•
Factory & Field Wiring
Agency Compliance
•
UL - UL Listed Terminal Block, Evaluated to UL 1953, File No.QPQS.E309401
•
CSA - certifed to C22.2 No. 158, File No. LR19766 (wire classes B & C only)
•
CE compliant to IEC 60947-7-1
Material Information
•
Insulator base:
•
Thermoplastic
•
Flammability rating of insulator base UL94V0
•
Insulator base temperature rating: -40°C to 125°C (UL RTI)
•
Connector: aluminum, tin plated
•
Terminal set screws: line side: aluminum, tin plated, load side: aluminum, tin plated
•
Connector mounting screw: steel, zinc plated
•
RoHS compliant


Similar Part No. - EPBAP84

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
EPBAP81 MARATHON-EPBAP81 Datasheet
198Kb / 3P
760 Amps 600 Volts AC/DC
03/28/2018
EPBAP86 MARATHON-EPBAP86 Datasheet
265Kb / 4P
760 Amps 600 Volts AC/DC
REV-B 03/08/17
More results

Similar Description - EPBAP84

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
145X301 MARATHON-145X301 Datasheet
129Kb / 3P
760 Amps 600 Volts AC/DC
REV-F 1/12/18
145X408 MARATHON-145X408 Datasheet
155Kb / 3P
760 Amps 600 Volts AC/DC
REV-E 1/12/18
145X586 MARATHON-145X586 Datasheet
175Kb / 4P
760 Amps 600 Volts AC/DC
REV-I 1/12/18
145X592 MARATHON-145X592 Datasheet
128Kb / 4P
760 Amps 600 Volts AC/DC
REV-G 1/12/18
145X986 MARATHON-145X986 Datasheet
138Kb / 4P
760 Amps 600 Volts AC/DC
REV-D 01/12/17
145X992 MARATHON-145X992 Datasheet
141Kb / 4P
760 Amps 600 Volts AC/DC
REV-E 1/15/18
EPBAP81 MARATHON-EPBAP81 Datasheet
198Kb / 3P
760 Amps 600 Volts AC/DC
03/28/2018
EPBAP86 MARATHON-EPBAP86 Datasheet
265Kb / 4P
760 Amps 600 Volts AC/DC
REV-B 03/08/17
145X282 MARATHON-145X282 Datasheet
185Kb / 3P
760 Amps 600 Volts AC/DC
REV-D 1/12/18
145X599 MARATHON-145X599 Datasheet
139Kb / 4P
760 Amps 600 Volts AC/DC
REV-I 1/12/18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com