Electronic Components Datasheet Search
  English  ▼

X  

ST2060 Datasheet(PDF) 5 Page - SMC Diode Solutions Co. LTD

Part # ST2060
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST2060 Datasheet(HTML) 5 Page - SMC Diode Solutions Co. LTD

  ST2060 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST2060 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST2060 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST2060 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST2060 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD ST2060 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD ST2060 Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Technical Data
Data Sheet N1420, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST2060
STB2060
STD2060
STF2060
Mechanical Dimensions TO-220AC
Symbol
Dimensions in millimeters
Min.
Typical
Max.
A
4.47
4.70
4.85
A1
1.17
1.27
1.37
A2
2.52
2.69
2.89
b
0.71
0.81
0.96
b1
1.17
1.27
1.37
c
0.31
0.38
0.61
D
14.64
14.94
15.24
D1
8.50
8.07
8.90
E
10.01
10.16
10.31
E1
9.98
10.18
10.38
e1
4.98
5.08
5.18
H1
6.04
6.24
6.44
L
13.00
13.86
14.08
L1
3.56
3.80
3.96
ΦP
3.74
3.84
4.04
Q
2.54
2.74
2.94
Θ1
5°
Θ2
4°
Θ3
4°
Mechanical Dimensions DPAK
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
2.20
2.40
0.087
0.094
A1
0.00
0.127
0.000
0.005
b
0.66
0.86
0.026
0.034
c
0.46
0.60
0.018
0.024
D
6.50
6.70
0.256
0.264
D1
5.13
5.46
0.202
0.215
D2
4.83 REF.
0.190 REF.
E
6.00
6.20
0.236
0.244
e
2.186
2.386
0.086
0.094
L
9.70
10.40
0.381
0.409
L1
2.90 REF.
0.144 REF.
L2
1.40
1.70
0.055
0.067
L3
1.60 REF.
0.063 REF.
L4
0.60
1.00
0.024
0.039
Φ
1.10
1.30
0.043
0.051
Θ
0°
8°
0°
8°
h
0.00
0.30
0.000
0.012
V
5.35 REF.
0.211 REF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com