Electronic Components Datasheet Search
  English  ▼

X  

ST30100C Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # ST30100C
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST30100C Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  ST30100C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 6Page - SMC Diode Solutions Co. LTD ST30100C Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data
Data Sheet N1047, Rev. C
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST30100C
STB30100C
STF30100C
ST30100C/STB30100C/STF30100C
SCHOTTKY RECTIFIER
Applications
Features
ST30100C
STB30100C
STF30100C
TO-220AB
D2PAK
ITO-220AB
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
100
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=100°C,
rectangular wave form
15(Per Leg)
A
30(Per Device)
Peak One Cycle Non-Repetitive Surge
Current(Per Leg)
IFSM
8.3ms, Half Sine pulse
200
A
150 C TJ operation
Ultralow forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
Trench MOS Schottky technology
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection


Similar Part No. - ST30100C

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST30100C SMC-ST30100C Datasheet
159Kb / 7P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
ST30100C MCC-ST30100C Datasheet
251Kb / 2P
30 Amp Schottky Barrier Rectifier 100 Volts
More results

Similar Description - ST30100C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com