Electronic Components Datasheet Search
  English  ▼

X  

FHE Datasheet(PDF) 1 Page - RFE international

Part # FHE
Description  Radial Leaded PTC Resettable Fuse:
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FHE Datasheet(HTML) 1 Page - RFE international

  FHE Datasheet HTML 1Page - RFE international FHE Datasheet HTML 2Page - RFE international FHE Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NO.
PQ43-101E
Product Specification and Approval Sheet Version 1 Page 1/3
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/08
Radial Leaded PTC Resettable Fuse: FHE Series
1. Summary
(a) RoHS Compliant (Lead Free) Product
(b) Applications: Wide variety of electronic equipment
(c) Product Features: Very Low resistance, Very High hold current, Solid state, Radial
leaded product ideal for up to 32V and Operating temperatures up to 125℃.
(d) Operation Current: 0.5A~10.0A
(e) Maximum Voltage: 32VDC
(f) Temperature Range: -40℃ to 125℃
2. Agency Recognition
UL:
File No. E211981
C-UL: File No. E211981
TÜV:
File No. R50004084
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Max. Time
to Trip
Maximum
Current
Rated
Voltage
Typical
Power
Resistance
RMIN
R1MAX
IH, A
IT
, A
at 5xIH, s
IMAX
, A
VMAX
, VDC Pd, W
Ohm
Ohm
FHE050-32F
0.5
1.0
3.0
100
32
0.9
0.3500
1.1000
FHE070-32F
0.7
1.4
3.2
100
32
1.4
0.2300
0.8000
FHE100-32F
1.0
1.9
6.2
100
32
1.4
0.1500
0.4300
FHE200-32F
2.0
4.0
5.5
100
32
2.2
0.0650
0.2500
FHE300-32F
3.0
6.0
5.0
100
32
3.2
0.0350
0.1100
FHE500-32F
5.0
10.0
9.0
100
32
5.3
0.0150
0.0400
FHE750-32F
7.5
15.0
13.0
100
32
6.5
0.0074
0.0230
FHE1000-32F
10.0
20.0
15.0
100
32
7.0
0.0060
0.0160
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
VMAX=Maximum voltage device can withstand without damage at its rated current.
IMAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
Pd=Typical power dissipated from device when in tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃, 1 hour after tripping.
Physical specifications:
Lead material: FHE050-32F~FHE100-32F Tin plated copper clad steel, 24 AWG.
Lead material: FHE200-32F~FHE750-32F Tin plated copper, 20 AWG.
Lead material: FHE1000-32F Tin plated copper, 18 AWG.
Soldering characteristics: MIL-STD-202, Method 208E.
Insulating coating: Flame retardant epoxy, meets UL-94V-0 requirement.


Similar Part No. - FHE

ManufacturerPart #DatasheetDescription
logo
ETA-USA
FHE-SX-U ETA-USA-FHE-SX-U Datasheet
99Kb / 2P
High Quality Switching Power Supplies Power - Facter Correction
logo
LEMO Connectors
FHE.MH.03C.XLZT56N LEMO-FHE.MH.03C.XLZT56N Datasheet
68Kb / 3P
Plug - Straight
FHE.MH.03C.XLZT66N LEMO-FHE.MH.03C.XLZT66N Datasheet
68Kb / 3P
Plug - Straight
FHE.MH.03C.XLZT76G LEMO-FHE.MH.03C.XLZT76G Datasheet
68Kb / 3P
Plug - Straight
FHE.MH.03C.XLZT76N LEMO-FHE.MH.03C.XLZT76N Datasheet
68Kb / 3P
Plug - Straight
More results

Similar Description - FHE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
logo
RFE international
FHT RFE-FHT Datasheet
326Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRHV RFE-FRHV Datasheet
290Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/07
FRT RFE-FRT Datasheet
259Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/31
FRU RFE-FRU Datasheet
260Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/23
FRVL RFE-FRVL Datasheet
293Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/23
FUSB RFE-FUSB Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com