Electronic Components Datasheet Search
  English  ▼

X  

FHT300-16F Datasheet(PDF) 3 Page - RFE international

Part # FHT300-16F
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FHT300-16F Datasheet(HTML) 3 Page - RFE international

  FHT300-16F Datasheet HTML 1Page - RFE international FHT300-16F Datasheet HTML 2Page - RFE international FHT300-16F Datasheet HTML 3Page - RFE international FHT300-16F Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NO.
PQ27-120E
Product Specification and Approval Sheet Version 1 Page 3/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/06
A=FHT050-30F
B=FHT070-30F
C=FHT100-30F
D=FHT200-16F
E=FHT300-16F
F=FHT400-16F
G=FHT450-16F
H=FHT550-16F
I=FHT600-16F
J=FHT650-16F
K=FHT700-16F
L=FHT750-16F
M=FHT800-16F
N=FHT900-16F
O=FHT1000-16F
P=FHT1100-16F
Q=FHT1300-16F
R=FHT1400-16F
S=FHT1500-16F
5. Thermal Derating Curve
6. Typical Time-to-Trip at 23℃
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
100
120
Device's ambient temperature (℃)
FHT Series
0.01
0.1
1
10
100
1000
1
10
100
Fault Current (A)
D
E
FG HIJKL MNOP QRS
C
A
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com