Electronic Components Datasheet Search
  English  ▼

X  

ISL97634 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL97634
Description  White LED Driver with Wide PWM Dimming Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97634 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL97634 Datasheet HTML 2Page - Intersil Corporation ISL97634 Datasheet HTML 3Page - Intersil Corporation ISL97634 Datasheet HTML 4Page - Intersil Corporation ISL97634 Datasheet HTML 5Page - Intersil Corporation ISL97634 Datasheet HTML 6Page - Intersil Corporation ISL97634 Datasheet HTML 7Page - Intersil Corporation ISL97634 Datasheet HTML 8Page - Intersil Corporation ISL97634 Datasheet HTML 9Page - Intersil Corporation ISL97634 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN6264.2
April 10, 2007
SEPIC Operation
For applications where the output voltage is not always
above the input voltage, a buck or boost regulation is
needed. A SEPIC (Single Ended Primary Inductance
Converter) topology, shown in Figure 18, can be considered
for such application. A single cell Li-Ion battery operating a
cellular phone backlight or flashlight is one example. The
battery voltage is between 2.5V and 4.2V, depending on the
state of charge. On the other hand, the output may require
only one 3V to 4V medium power LED for illumination
because the light guard of the backlight assembly is
optimized for cost efficiency trade-off reason.
In fact, a SEPIC configured LED driver is flexible enough to
allow the output to be well above or below the input voltage,
unlike the previous example. Another example is when the
number of LEDs and input requirements are different from
platform to platform, a common circuit and PCB that fit all the
platforms in some cases may be beneficial enough that it
outweighs the disadvantage of adding additional component
cost. L1 and L2 can be a coupled inductor in one package.
The simplest way to understand SEPIC topology is to think
about it as a boost regulator where the input voltage is level
shifted downward at the same magnitude and the lowest
reference level starts at -VIN rather than 0V.
The SEPIC works as follows; assume the circuit in Figure 18
operates normally, when the ISL97634 internal switch opens
and it is in the PWM off state, after a short duration where few
LC time constants elapsed, the circuit is considered in the
steady-state within the PWM off period that L1 and L2 are
shorted. VB is therefore shorted to the ground and C3 is
charged to VIN with VA = VIN. When the ISL97634 internal
switch closes and the circuit is in the PWM on state, VA is now
pulled to ground. Since the voltage in C3 cannot be changed
instantaneously, therefore VB is shifted downward and
becomes -VIN. The next cycle when the ISL97634 switch
opens, VB boosts up to the targeted output like the standard
boost regulator operation, except the lowest reference point is
at -VIN. The output is approximated as:
where D is the on-time of the PWM duty cycle.
The convenience of SEPIC comes with some trade off in
addition to the additional L and C costs. The efficiency is
usually lowered because of the relatively large efficiency loss
through the Schottky diode if the output voltage is low. The L2
series resistance also contributes additional loss. Figure 19
shows the efficiency measurement of a single LED application
as the input varies between 2.7V and 4.2V.
Note VB is considered the level-shifted LX node of a standard
boost regulator. The higher the input voltage, the lower the VB
voltage will be during PWM on period. The result is that the
efficiency will be lower at higher input voltages because the
SEPIC has to work harder to boost up to the required level.
This behavior is the opposite to the standard boost regulator’s
and the comparison is shown in Figure 19.
PCB Layout Considerations
The layout is very important for the converter to function
properly. RSET must be located as close as possible to the FB
and GND pins. Longer traces to the LEDs are acceptable.
Similarly, the supply decoupling cap and the output filter cap
should be as close as possible to the VIN and VOUT pins.
The heat of the IC is mainly dissipated through the thermal pad
of the package. Maximizing the copper area connected to this
pad if possible. In addition, a solid ground plane is always
helpful for the EMI performance.
FIGURE 17. CONCEPTUAL 8 LEDs HIGH VOLTAGE DRIVER
VOUT
LX
ISL97634
PWM/EN
VIN
FBSW
GND
FB
R1
6.3
Ω
D3
D4
D5
D6
D7
D8
L1
2.2µ
12
VIN = 2.7V to 5.5V
C3 4.7µ
D0
10BQ100
M1
FQT13N06L
D1
C1
1µ
SK011C226KAR
C2
0.1µ
D2
FIGURE 18. SEPIC LED DRIVER
C1
1µ
L1
22µ
1
2
VA
VB
VIN = 2.7V to 5.5V
22µ
L2
C3
1µ
C4
0.22µ
D1
R1
1
Ω
C2
0.1µ
VIN
SDIN
LX
VOUT
FBSW
FB
GND
ISL97634
D0
V
OUT
V
IN
D
1D
–
()
------------------
=
(EQ. 9)
0
510
15
20
ILED (mA)
76
72
68
64
60
1 LED
L1 = L2 = 22µH
C3 = 1µF
R1 = 4.7
Ω
FIGURE 19. EFFICIENCY MEASUREMENT OF A SINGLE LED
SEPIC DRIVER
VIN = 4.2V
VIN = 2.7V
ISL97634



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com