Electronic Components Datasheet Search
  English  ▼

X  

LRT Datasheet(PDF) 5 Page - RFE international

Part # LRT
Description  SURFACE MOUNT METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRT Datasheet(HTML) 5 Page - RFE international

  LRT Datasheet HTML 1Page - RFE international LRT Datasheet HTML 2Page - RFE international LRT Datasheet HTML 3Page - RFE international LRT Datasheet HTML 4Page - RFE international LRT Datasheet HTML 5Page - RFE international LRT Datasheet HTML 6Page - RFE international LRT Datasheet HTML 7Page - RFE international LRT Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TEST PROCEDURES :
Page 5 of 8
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
2022.04.20
Test Item
Test Method
Procedure
Requirement
Temperature Coefficient
of Resistance (T.C.R)
JIS-C-5201-1 4.8
IEC-60115-1 4.8
At 25°C / +125°C, 25°C is the reference
temperature
As Spec.
Standard power : 6.25 times rated power
whichever is less for 5 seconds.
High power (2X/4X) and wide terminal type :
5 times rated power whichever is less for 5 seconds.
Insulation Resistance
JIS-C-5201-1 4.6
IEC-60115-1 4.6
Apply 100VDC for 1 minute
≥ 10G Ω
Dielectric Withstanding
Voltage
JIS-C-5201-1 4.7
0805 / 0508 and above applied 500VAC for 1 minute
0201 / 0402 / 0603 applied 300VAC for 1 minute
No short or burned
on the appearance
Core Body Strength
JIS-C-5201-1 4.15
Central part pressurizing force : 10N, 10 seconds
No broken
Solderability
JIS-C-5201-1 4.17
IEC-60115-1 4.17
245 ± 5°C for 3 seconds
> 95% Coverage
No Visual damage
Resistance to
Soldering Heat
JIS-C-5201-1 4.18
IEC-60115-1 4.18
260 ± 5°C for 10 seconds
± (1.0%+0.001 Ω)
No Visual damage
Leaching
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
260 ± 5°C for 30 seconds
> 95% Coverage
No Visual damage
Rapid Change of
Temperature
JIS-C-5201-1 4.19
IEC-60115-1 4.19
-55°C to +155°C, 300 cycles
± (1.0%+0.001 Ω)
No Visual damage
Damp Heat with Load
JIS-C-5201-1 4.24
IEC-60115-1 4.24
40±2°C, 90~95% R.H. RCWV or Max. working
current whichever is less for 1000 hrs with 1.5hrs
"ON" and 0.5hr "OFF"
± (1.0%+0.001 Ω)
Biased Humidity
MIL-STD-202
Method 103
1000 hours, 85°C / 85% RH, 10% of operating
power. Measurement at 24±4 hours after test
conclusion
± (0.5%+0.05 Ω)
Load Life
(Endurance)
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
70±2°C, RCWV or Max. working voltage
whichever is less for 1000 hours with 1.5hrs
"ON" and 0.5hr "OFF"
± (1.0%+0.001 Ω)
High Temperature
Exposure
JIS-C-5201-1 4.25
IEC-60068-2-2
At 155±5°C for 1000 hours
± (1.0%+0.001 Ω)
Resistance to Solvent
JIS-C-5201-1 4.29
The tested resistor be immersed into isoproplyl
alcohol of 20~25°C for 60 seconds.
Then the resistor is left in the room for 48 hrs.
± (1.0%+0.001 Ω)
No Visual damage
Terminal Strength (SMD)
JIS-C5201-1 4.32
AEC Q200-006
Pressurizing force for 10 seconds
0201 / 0402 / 0603 : 8N;
0805 / 0508 and above : 17.7N
No broken
Bending Strength
JIS-C-5201-1 4.33
IEC-60115-1 4.33
Bending once for 5 seconds:
D: 0201 / 0402 / 0603 / 0805 = 5mm
1206 / 1210 / 0508 / 0612 = 3mm
2010 / 2512 / 1020 / 1225 = 2mm
± (1.0%+0.001 Ω)
No Visual damage
Short Time Overload
JIS-C-5201-1 4.13
IEC-60115-1 4.13
± (1.0%+0.001 Ω)
SURFACE MOUNT METAL FILM RESISTORS
LRT Series: Low Resistance, Low T.C.R.
RoHS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com