Electronic Components Datasheet Search
  English  ▼

X  

STF5200 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # STF5200
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

STF5200 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  STF5200 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD STF5200 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD STF5200 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD STF5200 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD STF5200 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD STF5200 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD STF5200 Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
Data Sheet N1427, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST5200
STB5200
STD5200
STF5200
Note: 1 Pulse test: Pulse Width < 300µs, Duty Cycle <1%
2 Pulse test: Pulse Width < 40ms
Characteristics
Symbol
ST5200
STB5200
STD5200
STF5200
Units
Junction Temperature
TJ
-55 to +150
C
Storage Temperature
Tstg
-55 to +150
C
Typical Thermal Resistance
Junction to Case
RJC
3.5
3.5
2.4
7.0
C/W
Case Style
TO-220AC/ D2PAK/ DPAK/ ITO-220AC
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max. Units
Breakdown Voltage
VBR
@IR =1.0mA, TJ = 25 C
200(minimum)
-
V
Forward Voltage Drop (Note 1) *
VF1
@ 3A, Pulse, TJ = 25 C
@ 5A, Pulse, TJ = 25 C
0.76
0.80
-
1.60
V
VF2
@ 3A, Pulse, TJ = 125 C
@ 5A, Pulse, TJ = 125 C
0.61
0.68
-
0.73
V
Reverse Current(Note 2) *
IR1
@VR =180V TJ = 25 C
@VR =200V TJ = 25 C
0.1
0.2
-
150
μ
A
IR2
@VR =180V, TJ = 125 C
@VR =200V, TJ = 125 C
0.3
0.4
-
10
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
100
-
pF
Thermal-Mechanical Specifications:
Tube Specification
Tube Specification(TO-220AC/ITO-220AC)
Device
Package
Weight
Shipping
ST5200
TO-220AC
1.6g
50pcs / tube
STB5200
D²PAK
1.85g
800pcs / reel
STD5200
DPAK
0.39g
2500pcs / reel
STF5200
ITO-220AC
1.6g
50pcs / tube



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com