Electronic Components Datasheet Search
  English  ▼

X  

RMF12 Datasheet(PDF) 1 Page - RFE international

Part # RMF12
Description  SURFACE MOUNT RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMF12 Datasheet(HTML) 1 Page - RFE international

  RMF12 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTRODUCTION
RFE International, Inc. offers a wide range of chip
resistors to meet your application requirements. They are
made with metal glazed thick film on a high purity
ceramic substrate which is overcoated for stability and
protection. These resistors are lead free. The RMF
Series Fusible Resistor is ideal for circuits where a
predictable fusing time is important. The RMF Series is
AEC-Q200 Qualified.
C2BB06
2014.10.13
RATINGS
DIMENSIONS
PART NUMBER EXAMPLE
RMF 50 R - 4R7 - J
DERATING CURVE
D
H
L
C
W
Glass Passivation
Operating Temp. Range -55°C ~ +155°
SURFACE MOUNT RESISTORS
RMF Series: Fusible Thick Film Surface Mount
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
• Standard Resistance Range is 1 thru 10K on EIA Standard Value Table E-24
• Standard Resistance Tolerance +5% or 10%
100
80
60
40
20
0
-55 -30
0
20
40
60
80
100 120 140 160 180
Ambient Temperature (°C)
70°C
155°C
RoHS
RMF04 (0402)
0.1W
50V
100V
2.5W
1Ω ~ 1KΩ
RMF06 (0603)
0.125W
50V
100V
3W
1Ω ~ 1.8KΩ
RMF10 (0805)
0.15W
150V
300V
3.25W
1Ω ~ 3KΩ
RMF12 (1206)
0.25W
200V
400V
5W
1Ω ~ 5.1KΩ
RMF25 (1210)
0.5W
200V
400V
7.5W
1Ω ~ 6.2KΩ
RMF50 (2010)
0.75W
200V
400V
11.25W
1Ω ~ 7.5KΩ
RMF1W (2512)
1.0W
200V
400V
15W
1Ω ~ 10KΩ
1 Ω- 47 Ω
+ 600 ppm
48Ω ~ 470Ω
+ 400 ppm
471Ω ~ 10KΩ
+ 200 ppm
30
Second
Fusing
Power
Temp.
Coefficient
(ppm / °C)
Available
Range
Type
Power
Rating
Max
Working
Voltage
Max
Overload
Voltage
L
W
H
C
D
RMF04 (0402)
1.0 + 0.1
0.5 + 0.05
0.35 + 0.05
0.20 + 0.1
0.2 + 0.1
RMF06 (0603)
1.6 + 0.2
0.8 + 0.15
0.50 + 0.1
0.30 + 0.2
0.3 + 0.15
RMF10 (0805)
2.0 + 0.2
1.25 + 0.15
0.50 + 0.15
0.40 + 0.2
0.3 + 0.15
RMF12 (1206)
3.2 + 0.2
1.6 + 0.12
0.60 + 0.15
0.45 + 0.2
0.4 + 0.2
RMF25 (1210)
3.2 + 0.2
2.5 + 0.2
0.60 + 0.15
0.50 + 0.2
0.5 + 0.2
RMF50 (2010)
5.0 + 0.2
2.5 + 0.2
0.60 + 0.1
0.60 + 0.2
0.6 + 0.2
RMF1W (2512)
6.3 + 0.2
3.1 + 0.2
0.65 + 0.1
0.60 + 0.2
0.6 + 0.2
Type
Dimensions (mm)


Similar Part No. - RMF12

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RMF125 RIEDON-RMF125 Datasheet
524Kb / 2P
Film Resistors
logo
List of Unclassifed Man...
RMF12DE103 ETC-RMF12DE103 Datasheet
1,016Kb / 13P
Automotive Grade Thick Film Chip Resistors
RMF12DT103 ETC-RMF12DT103 Datasheet
1,016Kb / 13P
Automotive Grade Thick Film Chip Resistors
RMF12FE103 ETC-RMF12FE103 Datasheet
1,016Kb / 13P
Automotive Grade Thick Film Chip Resistors
RMF12FT103 ETC-RMF12FT103 Datasheet
1,016Kb / 13P
Automotive Grade Thick Film Chip Resistors
More results

Similar Description - RMF12

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
Surface Mount Sense Resistors
logo
Anaren Microwave
RFP-100200-4Y100-2 ANAREN-RFP-100200-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250250-4Y100-2 ANAREN-RFP-250250-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250375-4Y100-2 ANAREN-RFP-250375-4Y100-2 Datasheet
518Kb / 2P
Surface Mount Resistors
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
Surface Mount Sense Resistors
logo
RFE international
LRMA RFE-LRMA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
RCN RFE-RCN Datasheet
724Kb / 4P
SURFACE MOUNT RESISTORS
2013.03.26
RMT RFE-RMT Datasheet
4Mb / 4P
Surface Mount Resistors
05-JUL-2023
RMTH RFE-RMTH Datasheet
1Mb / 4P
Surface Mount Resistors
17-MAR-2023
RMTUH RFE-RMTUH Datasheet
1Mb / 5P
Surface Mount Resistors
13-MAR-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com