Electronic Components Datasheet Search
  English  ▼

X  

STTH6110TV2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH6110TV2
Description  Ultrafast recovery - high voltage diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH6110TV2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH6110TV2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH6110TV2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STTH6110TV2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISUM6027
eq STTH6110TV2
Ultrafast recovery - high voltage diode
www.iscsemi.com
1
DESCRIPTION
·
Ultrafast, soft recovery
·
Very low conduction and switching losses
·
High frequency and/or high pulsed current
operation
·
High reverse voltage capability
APPLICATIONS
·
Industrial power supplies
·
motor control
·
Similar industrial systems
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitive peak reverse voltage
1000
V
IF(RMS)
RMS forward current
60
A
IF(AV)
Average forward current,δ= 0.5, TC= 60℃ per diode
30
A
IFRM
Repetitive peak forward current, tp = 5 µs, F = 5 kHz square
350
A
IFSM
Surge non repetitive forward current, tp = 10 ms Sinusoidal
240
A
TJ
Max.Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case Total
0.75
℃
/W


Similar Part No. - STTH6110TV2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6110TV2 STMICROELECTRONICS-STTH6110TV2 Datasheet
148Kb / 8P
Ultrafast recovery - high voltage diode
22-Feb-2006
More results

Similar Description - STTH6110TV2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH810 STMICROELECTRONICS-STTH810 Datasheet
193Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH3010 STMICROELECTRONICS-STTH3010 Datasheet
148Kb / 10P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH12010TV STMICROELECTRONICS-STTH12010TV Datasheet
143Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6010 STMICROELECTRONICS-STTH6010 Datasheet
132Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH1210 STMICROELECTRONICS-STTH1210 Datasheet
194Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6110TV STMICROELECTRONICS-STTH6110TV Datasheet
148Kb / 8P
Ultrafast recovery - high voltage diode
22-Feb-2006
STTH810-Y STMICROELECTRONICS-STTH810-Y Datasheet
111Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH3010-Y STMICROELECTRONICS-STTH3010-Y Datasheet
196Kb / 9P
Automotive ultrafast recovery - high voltage diode
28-Jun-2012
STTH8R03DJF STMICROELECTRONICS-STTH8R03DJF Datasheet
181Kb / 9P
Ultrafast recovery diode high efficiency
16-May-2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com