Electronic Components Datasheet Search
  English  ▼

X  

RMP Datasheet(PDF) 1 Page - RFE international

Part # RMP
Description  SMD RESISTOR ** ANTI-SULFUR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMP Datasheet(HTML) 1 Page - RFE international

  RMP Datasheet HTML 1Page - RFE international RMP Datasheet HTML 2Page - RFE international RMP Datasheet HTML 3Page - RFE international RMP Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTRODUCTION
The RMP Series is a higher power (high wattage)
version of the standard RM Series Thick Film SMD
Resistor. The RMP Series SMD Resistor is made with
a specially formulated substrate and with an advanced
process used to deposit the film. As a result, power
ratings surpass standard series, and they are ANTI-
SULFUR. These resistors are AEC-Q200 qualified and
are suitable for all applications (automotive, lighting,
power, etc).
C2BB07
2014.01.13
DIMENSIONS
D
H
L
C
W
Glass Passivation
PART NUMBER EXAMPLE
RMP 10 R - 10K - J
Size Code
Series
Taped & Reeled
Tolerance Code
Resistance Code
RESISTANCE CODE
SIZE CODE & RESISTANCE RANGE
Page 1 of 4
RoHS
Ohms
0.0
100
1.5K
15K 1.5 Meg
Code
0R0 100R 1K5
15K
1M5
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RMP06 (0603)
RMP10 (0805)
RMP12 (1206)
RMP25 (1210)
RMP50 (2010)
RMP50S (1812)
RMP2W (2512)
RMP2WS (1218)
L
W
H
C
D
Size Code
Max. Dimension (mm)
1.60±0.20
2.00±0.20
3.05±0.10
3.05±0.10
4.50±0.10
5.00±0.20
3.10±0.10
6.30±0.20
3.20±0.20
4.60±0.10
3.00±0.10
2.50±0.20
2.50±0.20
1.60±0.20
1.25±0.15
0.80±0.15
0.40±0.10
0.50±0.15
0.55±0.15
0.55±0.15
0.55±0.10
0.55±0.05
0.55±0.10
0.55±0.05
0.50±0.20
0.40±0.20
0.60±0.20
0.60±0.20
0.60±0.20
0.60±0.20
0.55±0.20
0.70±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.40±0.20
0.30±0.15
0.40±0.15
0.20±0.10
0.20±0.10
RMP06
RMP10
RMP12
RMP25
RMP50
RMP50S
RMP2W
RMP2WS
(0603)
(0805)
(1206)
(1210)
(2010)
(1812)
(2512)
(1218)
Resistance Range
Code
Size
Rated
Power
at 70°C
Max.
Working
Voltage
Max.
Overload
Voltage
T.C.R.
(PPM/°C)
B (±0.1%)
D (±0.5%)
F (±1%)
J (±5%)
0.125W
0.25W
0.50W
0.66W
1.0W
2.0W
2.0W
1.0W
50V
100V
300V
150V
400V
400V
200V
200V
200V
200V
400V
400V
500V
500V
250V
250V
±200
±400
±100
±200
±400
±100
±200
±400
±100
±200
±400
±100
±200
±400
±100
±200
±400
±100
±200
±400
±100
±200
±400
±100
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
• Basic Thick Film Resistors see RM Series
• High Power Thick Film see RMH Series
• Anti-Sulfur Thick Film Resistors see RMS Series
• Thin Film Resistor see RMT series
• Fusible Resistors see RMF Series
• Thick Film Array Chip see RCN Series
• Metal Array Low-Resistance see LR Series
SMD RESISTOR ** ANTI-SULFUR
RMP Series: Higher Power, Thick Film


Similar Part No. - RMP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RMP-1C-P-10A-X-S-F ADAM-TECH-RMP-1C-P-10A-X-S-F Datasheet
93Kb / 1P
POWER RELAY
RMP-1C-P-5A-X-S ADAM-TECH-RMP-1C-P-5A-X-S Datasheet
94Kb / 1P
POWER RELAY
RMP-H-1A-P-12 ADAM-TECH-RMP-H-1A-P-12 Datasheet
87Kb / 1P
POWER RELAY
RMP-H-1C-P-12-S ADAM-TECH-RMP-H-1C-P-12-S Datasheet
90Kb / 1P
POWER RELAY
logo
Rectron Semiconductor
RMP0A5N6092 RECTRON-RMP0A5N6092 Datasheet
516Kb / 6P
N-Channel MOSFET 600V, 0.4 A, 8.5Q
REV:O 2019-06
More results

Similar Description - RMP

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
logo
Stackpole Electronics, ...
CSRT-AS SEI-CSRT-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
RAVS SEI-RAVS Datasheet
247Kb / 4P
Convex Anti-Sulfur Chip Array
11/18/2020
RMCA SEI-RMCA Datasheet
520Kb / 10P
Automotive Grade Anti-sulfur and AEC Compliant Thick Film Chip Resistor
5/17/2022
RNCP SEI-RNCP Datasheet
455Kb / 7P
High Power Anti-Sulfur Thin Film Chip Resistor
03/09/2020
RNCS-AS SEI-RNCS-AS Datasheet
463Kb / 7P
Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor
4/22/2022
logo
RFE international
RMS RFE-RMS Datasheet
729Kb / 4P
SMD RESISTOR ** ANTI-SULFUR
2012.12.20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com