Electronic Components Datasheet Search
  English  ▼

X  

RMS Datasheet(PDF) 1 Page - RFE international

Part # RMS
Description  SMD RESISTOR ** ANTI-SULFUR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMS Datasheet(HTML) 1 Page - RFE international

  RMS Datasheet HTML 1Page - RFE international RMS Datasheet HTML 2Page - RFE international RMS Datasheet HTML 3Page - RFE international RMS Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTRODUCTION
RFE International, Inc. offers a wide range of chip
resistors to meet your application requirements. The
RMS Series is the Anti-Sulfur version of the basic RM
Series. These resistors are AEC-Q200 qualified and
are suitable for all applications (automotive, lighting,
power, etc).
DIMENSIONS
D
H
L
C
W
Glass Passivation
Page 1 of 4
PART NUMBER EXAMPLE
RESISTANCE CODE
Ohms
0.0
1.0
100
1.5K
15K
1.5 Meg 10 Meg
Code
0R0
1R0
100R
1K5
15K
1M5
10M
SIZE CODE & RESISTANCE RANGE
C2BB03
2012.12.20
• Thick Film see RM Series
• High Power Thick Film see RMH Series
• Anti-Sulfur High Power see RMP Series
• Fusible Resistors see RMF Series
• Thick Film Array Chip see RCN Series
• Thin Film see RMT Series
• Metal Array Low-Resistance see LR Series
RMS 10 R - 10K J
-
Size Code
Series
Taped & Reeled
Tolerance Code
Resistance Code
SMD RESISTOR
** ANTI-SULFUR
RMS Series: Thick Film
RoHS
RMS04 (0402)
RMS06 (0603)
RMS10 (0805)
RMS12 (1206)
RMS25 (1210)
RMS50 (2010)
RMS50S (1812)
RMS1W (2512)
RMS1WS (1218)
L
W
H
C
D
Size Code
Max. Dimension (mm)
1.00±0.10
1.60±0.20
2.00±0.20
3.05±0.10
3.05±0.10
4.50±0.10
5.00±0.20
3.10±0.10
6.30±0.20
3.20±0.20
4.60±0.10
3.00±0.10
2.50±0.20
2.50±0.20
1.60±0.20
1.25±0.15
0.50±0.05
0.80±0.15
0.30±0.05
0.40±0.10
0.50±0.15
0.55±0.15
0.55±0.15
0.55±0.10
0.55±0.05
0.55±0.10
0.55±0.05
0.50±0.20
0.40±0.20
0.60±0.20
0.60±0.20
0.60±0.20
0.60±0.20
0.55±0.20
0.70±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.40±0.20
0.30±0.15
0.40±0.15
0.20±0.10
0.15±0.10
0.15±0.10
0.20±0.10
RMS2W (2030)
5.10±0.10
7.60±0.10
0.60±0.05
0.80±0.20
0.80±0.20
RMS04
RMS06
RMS10
RMS12
RMS25
RMS50
RMS50S
RMS1W
RMS1WS
0402
0603
0805
1206
1210
2010
1812
2512
1218
Resistance Range
Code
Size
Rated
Power
at 70°C
Max.
Working
Voltage
Max.
Overload
Voltage
T.C.R.
(PPM/°C)
B (±0.1%)
D (±0.5%)
F (±1%)
J (±5%)
0.063W
0.10W
0.125W
0.25W
0.33W
0.50W
1.0W
1.0W
0.50W
100V
50V
50V
100V
300V
150V
400V
400V
200V
200V
200V
200V
400V
400V
500V
500V
250V
250V
0 ~ +400
±300
±200
±200
±400
±100
±200
±400
±100
±200
±400
±100
±200
±400
±100
±200
±400
±100
±200
±400
±100
±200
±400
±100
±200
±400
±100
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
1Ω ~ 9.9Ω
10Ω ~ 990Ω
1KΩ ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 990Ω
1KΩ ~ 10MΩ
RMS2W
2030
2.0W
500V
250V
±200
±400
±100
10Ω ~ 1MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
1Ω ~ 9.9Ω
10Ω ~ 10MΩ
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - RMS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RMS HAMMOND-RMS Datasheet
49Kb / 1P
Etagere 3 en 1 avec tiroir pour clavier, pour montage sur deux ou quatre montants
logo
Lorlin Electronics Ltd.
RMS LORLIN-RMS Datasheet
475Kb / 2P
RMS ROTARY MAINS SWITCH
logo
Sennheiser electronic S...
RMS 1 SENNHEISER-RMS 1 Datasheet
436Kb / 8P
evolution wireless G4
RMS 1 SENNHEISER-RMS 1 Datasheet
351Kb / 7P
evolution wireless G4
RMS 1 SENNHEISER-RMS 1 Datasheet
227Kb / 4P
evolution wireless G4 SK 300 G4-RC | Bodypack Transmitter
More results

Similar Description - RMS

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
logo
Stackpole Electronics, ...
CSRT-AS SEI-CSRT-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
RAVS SEI-RAVS Datasheet
247Kb / 4P
Convex Anti-Sulfur Chip Array
11/18/2020
RMCA SEI-RMCA Datasheet
520Kb / 10P
Automotive Grade Anti-sulfur and AEC Compliant Thick Film Chip Resistor
5/17/2022
RNCP SEI-RNCP Datasheet
455Kb / 7P
High Power Anti-Sulfur Thin Film Chip Resistor
03/09/2020
RNCS-AS SEI-RNCS-AS Datasheet
463Kb / 7P
Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor
4/22/2022
logo
RFE international
RMP RFE-RMP Datasheet
339Kb / 4P
SMD RESISTOR ** ANTI-SULFUR
2014.01.13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com