Electronic Components Datasheet Search
  English  ▼

X  

RMS10 Datasheet(PDF) 4 Page - RFE international

Part # RMS10
Description  SMD RESISTOR ** ANTI-SULFUR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMS10 Datasheet(HTML) 4 Page - RFE international

  RMS10 Datasheet HTML 1Page - RFE international RMS10 Datasheet HTML 2Page - RFE international RMS10 Datasheet HTML 3Page - RFE international RMS10 Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PACKAGE & DIMENSION (mm)
Page 4 of 4
TAPING SPECIFICATION
Paper Type
(P= 2.0 ± 0.1)
Embossed Type
(P= 4.0 ± 0.1)
(2W, P= 8.0 ± 0.2)
Package Q’ty
Size
A
Ø
B
Ø
C
Ø
D
W
Ø
M
Ø
D
Ø
D
Ø
D1
T
H
G
F
E
W
B
A
Size
Size
A
B
W
E
F
G
H
T
T1
RMS04(0402)
RMS06(0603)
RMS10(0805)
RMS12(1206)
RMS25(1210)
RMS50(2010)
RMS50S(1812)
RMS1W(2512)
RMS1WS(1218)
RMS04(0402)
RMS06(0603)
RMS10(0805)
RMS25(1210)
RMS12(1206)
RMS50(2010)
RMS50S(1812)
RMS1W(2512)
RMS1WS(1218)
7”
7”
7”
7”
10”
13”
10K/reel
10K/reel
5K/reel
20K/reel
5K/reel
4K/reel
2.0±0.5
2.0±0.5
2.0±0.5
2.0±0.5
2.0±0.5
2.0±0.5
2.0±0.05
2.0±0.05
2.0±0.05
2.0±0.05
2.0±0.05
2.0±0.05
2.0±0.05
2.0±0.05
2.0±0.05
4.0±0.10
4.0±0.10
4.0±0.10
4.0±0.10
4.0±0.10
4.0±0.10
4.0±0.10
4.0±0.10
4.0±0.10
13.5±1.0
13.5±1.0
13.5±1.0
13.5±1.0
13.5±1.0
13.5±1.0
21±1.0
21±1.0
21±1.0
21±1.0
21±1.0
21±1.0
60±1.0
60±1.0
60±1.0
60±1.0
100±1.0
100±1.0
11.5±2.0
11.5±2.0
11.5±2.0
11.5±2.0
11.5±2.0
16.0±2.0
178±2.0
178±2.0
178±2.0
178±2.0
254±2.0
330±2.0
8.0±0.20
8.0±0.20
8.0±0.20
8.0±0.20
8.0±0.20
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
3.5±0.05
3.5±0.05
3.5±0.05
3.5±0.05
3.5±0.05
0.70±0.10
1.05±0.20
1.55±0.20
1.90±0.20
2.85±0.20
1.80±0.20
2.30±0.20
3.50±0.20
3.50±0.20
1.20±0.10
0.45±0.10
0.60±0.10
0.75±0.10
0.75±0.10
0.75±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
1.50±0.10
0.85±0.15
0.85±0.15
0.85±0.15
0.85±0.15
0.23±0.10
0.23±0.10
0.23±0.10
0.23±0.10
1.75±0.10
1.75±0.10
1.75±0.10
1.75±0.10
5.5±0.05
5.5±0.05
5.5±0.05
5.5±0.05
12±0.10
12±0.10
12±0.10
12±0.10
4.60±0.20
4.60±0.20
5.60±0.20
6.70±0.20
3.30±0.20
3.30±0.20
3.40±0.20
2.80±0.20
SMD RESISTOR
** ANTI-SULFUR
RMS Series: Thick Film
1~10M Ω
RoHS
RMS2W(2030)
7”
1K/reel
2.0±0.5
13.5±1.0
21±1.0
60±1.0
19.0±2.0
178±2.0
RMS2W(2030)
2.0±0.05
4.0±0.10
1.50±0.10
1.50±0.10
0.85±0.15
0.25±0.10
1.75±0.10
7.5±0.05
16±0.10
7.90±0.20
5.50±0.20
C2BB03
2012.12.20
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com