Electronic Components Datasheet Search
  English  ▼

X  

RMT Datasheet(PDF) 1 Page - RFE international

Part # RMT
Description  Surface Mount Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMT Datasheet(HTML) 1 Page - RFE international

  RMT Datasheet HTML 1Page - RFE international RMT Datasheet HTML 2Page - RFE international RMT Datasheet HTML 3Page - RFE international RMT Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RATINGS & RESISTANCE RANGE
PART NUMBER EXAMPLE
RESISTANCE CODE
TOLERANCE CODE
1M
INTRODUCTION
FEATURES
CONSTRUCTION
DIMENSIONS
05-JUL-2023
Page 1 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
See RMTUH12 for Triple Power
L
W
H
C
D
RMT04 (0402)
1.00±0.20 0.50±0.15 0.30±0.05 0.20±0.10 0.20±0.10
RMT06 (0603)
1.60±0.20 0.80±0.15 0.40±0.10 0.30±0.20 0.30±0.15
RMT10 (0805)
2.00±0.20 1.25±0.20 0.50±0.15 0.35±0.15 0.35±0.15
RMT12 (1206)
3.20±0.20 1.60±0.20 0.55±0.15 0.45±0.20 0.45±0.20
RMT25 (1210)
3.20±0.20 2.50±0.20 0.55±0.15 0.50±0.20 0.50±0.20
RMT50 (2010)
5.00±0.20 2.50±0.20 0.55±0.10 0.60±0.20 0.60±0.20
RMT75 (2512)
6.30±0.20 3.20±0.20 0.55±0.10 0.60±0.20 0.60±0.20
Size Code
Max. Dimension (mm)
RMT
RMT02 (0201)
0.60±0.05 0.30±0.05 0.23±0.05 0.15±0.05 0.12±0.05
B(±0.1%) C(±0.1%) D(±0.5%) F(±1%)
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
±10 & ±15
±25 & ±50
10 - 82K
10 - 5.1K
200V
400V
200V
300V
RMT02
(0201)
0.05W
25V
50V
Resistance Range
Type
Rated
Power at
70 C
Max.
Working
Voltage
Max.
Overload
Voltage
T.C.R.
(PPM/C)
25V
75V
50V
(0402)
(2010)
(2512)
0.063W
0.1W
0.125W
0.25W
0.25W
0.5W
0.75W
(0603)
(0805)
(1206)
(1210)
4.7 - 1.5M
2.49 - 1.5K
150V
10 - 68K
10 - 332K
10 - 680K
10 - 1M
10 - 100K
10 - 100K
10 - 100K
4.7 - 220K
2.49 - 220K
4.7 - 680K
2.49 - 680K
4.7 - 1M
2.49 - 1.0M
4.7 - 100K
2.49 - 100K
4.7 - 100K
2.49 - 100K
4.7 - 100K
2.49 - 100K
The RMT series are thin film resistors. They
feature a lower temperature coefficient than
standard thick film types and are ideal for use in
applications where temperature stabilitiy is
important. These resistors are lead free.
Surface Mount Resistors
RMT Series: Thin Film Chip Resistor
RMT04
RMT06
RMT10
RMT12
RMT25
RMT50
RMT75
All Suffix Q for AECQ200 Type
0
100R 1K50 15K0 1M00
10R0
10
100
1.5K 15K
Q
Add Suffix Q
for
AECQ200
Type


Similar Part No. - RMT

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
RMT-103 ULTRALIFE-RMT-103 Datasheet
354Kb / 2P
Expansion Shelf
14 March 2016 Rev A
RMT-2 ULTRALIFE-RMT-2 Datasheet
287Kb / 2P
Transceiver Rack Mount Adapter
14 March 2016 Rev A
RMT-2-00-01 ULTRALIFE-RMT-2-00-01 Datasheet
287Kb / 2P
Transceiver Rack Mount Adapter
14 March 2016 Rev A
RMT-8 ULTRALIFE-RMT-8 Datasheet
331Kb / 2P
AC/DC Power Supply
11 March 2016 Rev A
logo
Raltron Electronics Cor...
RMT-MB6C3-80-1M-H-001 RALTRON-RMT-MB6C3-80-1M-H-001 Datasheet
172Kb / 1P
RUBBER ANTENNA
More results

Similar Description - RMT

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
Surface Mount Sense Resistors
logo
Anaren Microwave
RFP-100200-4Y100-2 ANAREN-RFP-100200-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250250-4Y100-2 ANAREN-RFP-250250-4Y100-2 Datasheet
520Kb / 2P
Surface Mount Resistors
RFP-250375-4Y100-2 ANAREN-RFP-250375-4Y100-2 Datasheet
518Kb / 2P
Surface Mount Resistors
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
Surface Mount Sense Resistors
logo
RFE international
LRMA RFE-LRMA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
RCN RFE-RCN Datasheet
724Kb / 4P
SURFACE MOUNT RESISTORS
2013.03.26
RMF RFE-RMF Datasheet
54Kb / 1P
SURFACE MOUNT RESISTORS
2014.10.13
RMTH RFE-RMTH Datasheet
1Mb / 4P
Surface Mount Resistors
17-MAR-2023
RMTUH RFE-RMTUH Datasheet
1Mb / 5P
Surface Mount Resistors
13-MAR-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com