Electronic Components Datasheet Search
  English  ▼

X  

RMV Datasheet(PDF) 1 Page - RFE international

Part # RMV
Description  SURFACE MOUNT RESISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMV Datasheet(HTML) 1 Page - RFE international

  RMV Datasheet HTML 1Page - RFE international RMV Datasheet HTML 2Page - RFE international RMV Datasheet HTML 3Page - RFE international RMV Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTRODUCTION
RFE International, Inc. offers a wide range of chip
resistors to meet your application requirements. They are
made with metal glazed thick film on a high purity ceramic
substrate which is overcoated for stability and protection.
DIMENSIONS
D
H
L
C
W
Glass Passivation
Page 1 of 4
PART NUMBER EXAMPLE
RESISTANCE CODE
ELECTRICAL CHARACTERISTICS & RESISTANCE RANGE
• Standard Series See RM Series
• Anti-Sulfur Thick Film see RMS Series
• High Power Thick Film see RMH Series
• Anti-Sulfur High Power see RMP Series
• Thin Film see RMT Series
• Fusible Resistors see RMF Series
• Thick Film Array Chip see RCN Series
• Metal Array Low-Resistance see LR Series
RMV 10 R - 10K - J Q
Size Code
Series
Taped & Reeled
Tolerance Code
Resistance Code
SURFACE MOUNT RESISTOR
RoHS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Ohms
1.0
100
1.5K
15K
1.0 Meg
Code
1R0
100R
1K5
15K
1M0
RMV Series: Anti-Surge SMD Resistor 1 ~ 1MΩ
SURGE PERFORMANCE CURVE
L
W
H
C
D
RMV06 (0603) 1.60±0.20 0.80±0.15 0.40±0.10 0.20±0.10 0.20±0.10
RMV10 (0805) 2.00±0.20 1.25±0.15 0.50±0.15 0.30±0.15 0.40±0.15
RMV12 (1206) 3.05±0.10 1.60±0.20 0.55±0.15 0.40±0.20 0.50±0.20
RMV25 (1210) 3.05±0.10 2.50±0.20 0.55±0.15 0.50±0.20 0.50±0.20
RMV1W (2010) 5.00±0.20 2.50±0.20 0.55±0.10 0.60±0.20 0.60±0.20
RMV2W (2512) 6.30±0.20 3.20±0.20 0.55±0.10 0.60±0.20 0.60±0.20
Size
Code
Max. Dimension (mm)
D (±0.5%)
F (±1%)
J (±5%)
RMV06
(0603)
0.10W
50V
100V
±200
1Ω ~ 9.9Ω
RMV10
(0805)
0.25W
150V
300V
±100
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
RMV12
(1206)
0.50W
200V
400V
±100
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
RMV25
(1210)
0.50W
200V
400V
±100
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
RMV1W
(2010)
1.0W
200V
400V
±100
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
RMV2W
(2512)
2.0W
300V
600V
±100
10Ω ~ 1MΩ
10Ω ~ 1MΩ
10Ω ~ 1MΩ
Resistance Range
T.C.R.
(PPM/°C)
Code
Size
Rated
Power
at 70°C
Max.
Working
Voltage
Max.
Overload
Voltage
–
–
Size
2512
2010
1210
1206
0805
0603
1000
100
10
1
0.0001
0.0010
0.0100
0.1000
1.000
Surge Duration (Sec)
C2SM01
2017.12.21
Blank = Standard
Q = AEC-Q200


Similar Part No. - RMV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
RMV0301 PANASONIC-RMV0301 Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
RMV0302 PANASONIC-RMV0302 Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
More results

Similar Description - RMV

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
Surface Mount Resistor
logo
List of Unclassifed Man...
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
Chip Resistor Surface Mount
logo
Dubilier
RPC25103J DUBILIER-RPC25103J_11 Datasheet
266Kb / 3P
SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
logo
Bourns Electronic Solut...
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
Chip Resistor Surface Mount
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
SURFACE MOUNT CHIP RESISTOR
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
RMHV RFE-RMHV Datasheet
1Mb / 5P
SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
SURFACE MOUNT RESISTOR
2015.04.15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com